Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8050W Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # S8050W
Description  Silicon PNP transistor in a SOT-323 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

S8050W Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  S8050W Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. S8050W Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. S8050W Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. S8050W Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. S8050W Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. S8050W Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S8050W
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOT-323 塑封封装 NPN 半导体三极管。Silicon NPN transistor in a SOT-323 Plastic Package.

与 S8550W 互补。
Complementary pair with S8550W.

用于功率放大电路。
Power amplifier applications.
内部等效电路 / Equivalent Circuit
PIN1
:Emitter
PIN 2
:Base
PIN 3
:Collector
印章代码 / Marking
hFE
Classifications
Symbol
B
C
D
hFE Range
85~160
120~200
160~300
Marking
HY3B
HY3C
HY3D
描述 / Descriptions
特征 / Features
用途 / Applications
引脚排列 / Pinning
3
1
2


Similar Part No. - S8050W

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S8050 WINGS-S8050 Datasheet
69Kb / 1P
   TRANSISTOR (PNP)
logo
Fairchild Semiconductor
S8050 FAIRCHILD-S8050 Datasheet
199Kb / 6P
   NPN Epitaxial Silicon Transistor
November 2014
logo
MAKO SEMICONDUCTOR CO.,...
S8050 MAKOSEMI-S8050 Datasheet
277Kb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN KOO CHIN ELECT...
S8050 KOOCHIN-S8050 Datasheet
500Kb / 2P
   TRANSISTOR
logo
Weitron Technology
S8050 WEITRON-S8050 Datasheet
2Mb / 4P
   NPN General Purpose Transistors
More results

Similar Description - S8050W

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BC856W FOSHAN-BC856W Datasheet
710Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
8550W FOSHAN-8550W Datasheet
801Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC846W FOSHAN-BC846W Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
BC847W FOSHAN-BC847W Datasheet
697Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBTA92W FOSHAN-MMBTA92W Datasheet
712Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
2SA1577W FOSHAN-2SA1577W Datasheet
686Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT5551W FOSHAN-MMBT5551W Datasheet
993Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT2907AW FOSHAN-MMBT2907AW Datasheet
1Mb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT3906W FOSHAN-MMBT3906W Datasheet
847Kb / 7P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4401W FOSHAN-MMBT4401W Datasheet
840Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
MMBT4403W FOSHAN-MMBT4403W Datasheet
845Kb / 6P
   Silicon PNP transistor in a SOT-323 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com