Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-CAS-C8237 Datasheet(PDF) 4 Page - Altera Corporation

Part No. M-CAS-C8237
Description  PROGRAMMABLE DMA CONTROLLER ALTERA CORE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

   
 4 page
background image
Word Count and Address Register Command Codes
Temporary Register
Read Temporary Register Command:
Write -> CSN = 0, IORN = 1 and IOWN = 0
A3
A2
A1
A0
IORN
IOWN
1
1
0
1
0
1
Read -> CSN = 0, IORN = 0 and IOWN = 1
Register
A3
A2
A1
A0
FF
DB0-DB7
0
A0-A7
CH 0
Base and
Current Address
0
0
0
0
1
A8-A15
0
W0-W7
CH 0
Base and Cur-
rent Word Count
0
0
0
1
1
W8-W15
0
A0-A7
CH 1
Base and
Current Address
0
0
1
0
1
A8-A15
0
W0-W7
CH 1
Base and Cur-
rent Word Count
0
0
1
1
1
W8-W15
0
A0-A7
CH 2
Base and
Current Address
0
1
0
0
1
A8-A15
0
W0-W7
CH 2
Base and Cur-
rent Word Count
0
1
0
1
1
W8-W15
0
A0-A7
CH 3
Base and
Current Address
0
1
1
0
1
A8-A15
0
W0-W7
CH 3
Base and Cur-
rent Word Count
0
1
1
1
1
W8-W15
This register is used to hold data during memory-to-memory
transfers. Following the completion of the transfers, the last
word moved can be read by the microprocessor. The tempo-
rary register is cleared by a Reset.
Current Address Register
Each channel has a 16-bit Current Address register. This reg-
ister holds the value of the address used during DMA
transfers. The address is automatically incremented or dec-
remented after each transfer and the intermediate values of
the address are stored in the Current Address register during
the transfer. This register is written or read by the microproc-
essor.
Current Word Register
Each channel has a 16-bit Current Word Count register. This
register determines the number of transfers to be performed.
The word count is decremented after each transfer. When the
value in the register goes from zero to FFFFH, a TC will be
generated. This register is loaded or read by the microproc-
essor in the Program Condition.
Software Commands
These three commands do not depend on any specific bit
pattern on the data bus.
Base Address and Base Word Count Registers
Each channel has a 16-bit Base Address and 16-bit Base
Word Count register. These registers store the original value,
which will be loaded to current registers during Auto initialize.
Clear First/Last Flip-Flop Command:
A3
A2
A1
A0
IORN
IOWN
1
1
0
0
1
0
This command must be executed prior to writing or reading
new address or word count information to the C8237.
Master Clear Command:
A3
A2
A1
A0
IORN
IOWN
1
1
0
1
1
0
This command has the same effect as the hardware Reset.
The Command, Status, Request, Temporary, and Internal
First/Last Flip-Flop registers are cleared and the Mask regis-
ter is set. The C8237 will be in the idle cycle.
Clear Mask Register Command:
A3
A2
A1
A0
IORN
IOWN
1
1
1
0
1
0
This command clears the mask bits of all four channels, ena-
bling them to accept DMA requests
Cast, Inc.
4




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37ARHRadiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
MSM82C37B-5RSPROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreOKI electronic componets
M8257PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreIntel Corporation
A8237PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreAltera Corporation
AM8257Programmable DMA Controller 1 2 3 4 5 MoreAdvanced Micro Devices
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
IA8237Programmable DMA Controller 1 2 3 4 InnovASIC, Inc
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl