Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-CAS-C8237 Datasheet(PDF) 2 Page - Altera Corporation

Part No. M-CAS-C8237
Description  PROGRAMMABLE DMA CONTROLLER ALTERA CORE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

   
 2 page
background image
Bit4:
0 -> Fixed priority
Functional Description
1 -> Rotating priority
The C8237 core is partitioned into modules as shown in the
block diagram and described below:
Bit5:
0 -> Late write
1 -> Extended write
Timing & Control
X -> if bit3 = 1
It generates internal timing and external control signals for the
C8237. The timing Control block derives internal timing from
the clock input. The C8237 operates in two major cycles, idle
cycle (Si) and Active cycle (S0, S1, S2, S3, and S4). Memory-
to-memory transfers require a read-from and a write-to-
memory to complete each transfer. It requires eight states for
a single transfer. The first four states (S11, S12, S13, S14)
are used for the read-from –memory half and the last four
states (S21, S22, S23, S24) for the write-to-memory half of
the transfer. Each state is composed of one full clock period.
Bit6:
0 -> DREQ sense active high
1 -> DREQ sense active low
Bit7:
0 -> DACK sense active low
1 -> DACK sense active high
Mode Register
Write Mode Register Command:
A3
A2
A1
A0
IORN
IOWN
1
0
1
1
1
0
Fixed Priority & Rotating Priority Logic
Each channel has a 6-bit Mode register. It is programmed by
the microprocessor.
The Fixed Priority fixes the channels in priority order based
upon the descending value of their number. The lowest prior-
ity channel is 3 and the highest priority channel is 0.
With Rotating Priority, the last channel to get service be-
comes the lowest priority channel with the others rotating
accordingly.
D7
D6
D5
D4
D3
D2
D1
D0
Bit1 & Bit0: 00 -> Channel 0
01 -> Channel 1
C8237 Registers
10 -> Channel 2
The C8237 contains 344 bits of internal memory in the form
of registers. CSN must be low when the microprocessor is at-
tempting to write or read the internal registers of the C8237.
11 -> Channel 3
Bit3 & Bit2: 00 -> Verify transfer (pseudo transfer)
Command Register
01 -> Write transfer (from I/O to the memory)
Write Command Register Command:
10 -> Read transfer (from the memory to I/O)
A3
A2
A1
A0
IORN
IOWN
1
0
0
0
1
0
11 -> Illegal
XX -> if bits 6 and 7 = 11
This 8-bit register controls the operation of the C8237. It is
programmed by the microprocessor and is cleared by Reset
or a Master Clear instruction.
Bit4: 0 -> Auto initialization disable
1 -> Auto initialization enable
Bit5: 0 -> Address increment select
D7
D6
D5
D4
D3
D2
D1
D0
1 -> Address decrement select
Bit0:
0 -> Memory-to-memory disable
Bit7 & Bit6: 00 -> Demand mode
1 -> Memory-to-memory enable
01 -> Single mode
Bit1:
0 -> Channel 0 address hold disable
10 -> Block mode
1 -> Channel 0 address hold enable
11 -> Cascade mode
X -> if bit0 = 0
Demand Transfer Mode: The device will continue making
transfers until a TC or external EOPN is encountered or until
DREQ goes inactive.
Bit2:
0 -> Controller enable
1 -> Controller disable
Bit3:
0 -> Normal timing
Single Transfer Mode: The device makes one transfer only.
DREQ must be held active until DACK becomes active in or-
der to be recognized.
1 -> Compressed timing
X -> if bit 0 = 1
Block Transfer Mode: The device is active by DREQ or
software request to continue making transfers during the ser-
vice until a TC or an external EOPN is encountered. DREQ
need only be held active until DACK becomes active.
Cascade Transfer Mode: This mode is used to cascade
more than one C8237 together for simple system expansion.
The ready input is ignored in this cascade transfer mode.
Cast, Inc.
2




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37ARHRadiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
MSM82C37B-5RSPROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreOKI electronic componets
M8257PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreIntel Corporation
A8237PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreAltera Corporation
AM8257Programmable DMA Controller 1 2 3 4 5 MoreAdvanced Micro Devices
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
IA8237Programmable DMA Controller 1 2 3 4 InnovASIC, Inc
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl