Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M-CAS-C8237 Datasheet(PDF) 1 Page - Altera Corporation

Part No. M-CAS-C8237
Description  PROGRAMMABLE DMA CONTROLLER ALTERA CORE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

   
 1 page
background image
C8237
Programmable
DMA Controller
Altera Core
The C8237 Programmable DMA Controller core (C8237 core) is a peripheral inter-
face circuit for microprocessor systems. The core is designed for use with an
external, 8-bit address latch. It contains four independent channels and may be ex-
panded to any number or channels by cascading additional controller chips. Each
channel has a full 64K address and word count capability.
Applications
The C8237 core is designed to improve system performance by allowing external
devices to directly transfer information from the system memory.
Block Diagram
Enable/Disable control of indi-
vidual DMA requests
Four, independent DMA chan-
nels
Independent auto-initialization of
all channels
Memory-to-Memory transfers
Memory block initialization
Address increment of decrement
Directly expandable to any
number of channels
End of process input for termi-
nating transfers
Software DMA requests
Independent polarity control for
DREQ and DACK signals
The C8237 was developed in
HDL and synthesizes to ap-
proximately 5,500 gates
depending on the technology
used.
Functionality based on the Intel
8237
RESET
Timing
and
Control
CLK
CSN
AEN
READY
State
Machine
HLDA
16 Bit
Decrementor
Temp Word
Count Reg
16 Bit
Incrementor/
Decrementor
Temp Address Reg
C8237REG
Fixed
Priority
and
Rotating
Priority
Logic
DREQ(3:0)
HRQ
DACK(3:0)
Command
Register
Mask
Register
Request
Register
Mode
Register
Status
Register
Temporary
Register
DBIN(7:0)
AIN[3:0]
AOUT[7:0]
EOPNOUT
MEMRN
ADSTB
MEMWN
IOWNOUT
IORNOUT
IORNIN
IOWNIN
EOPNIN
DBOUT(7:0)
Channel-0
Current Word
Count Register
Current Word
Address Register
Base Word Count
Register
Base Word Address
Register
Write
Read/Write
Channel-1
Channel-2
Channel-3
March 2004




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HS-82C37ARHRadiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
MSM82C37B-5RSPROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreOKI electronic componets
M8257PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreIntel Corporation
A8237PROGRAMMABLE DMA CONTROLLER 1 2 3 4 5 MoreAltera Corporation
AM8257Programmable DMA Controller 1 2 3 4 5 MoreAdvanced Micro Devices
82C37CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
IA8237Programmable DMA Controller 1 2 3 4 InnovASIC, Inc
82C237CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation
HS-82C37Radiation Hardened CMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreHarris Corporation
82C37ACMOS High Performance Programmable DMA Controller 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl