Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC44724A Datasheet(PDF) 25 Page - Motorola, Inc

Part # MC44724A
Description  Advanced Digital Video Encoder
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC44724A Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MC44724A Datasheet HTML 21Page - Motorola, Inc MC44724A Datasheet HTML 22Page - Motorola, Inc MC44724A Datasheet HTML 23Page - Motorola, Inc MC44724A Datasheet HTML 24Page - Motorola, Inc MC44724A Datasheet HTML 25Page - Motorola, Inc MC44724A Datasheet HTML 26Page - Motorola, Inc MC44724A Datasheet HTML 27Page - Motorola, Inc MC44724A Datasheet HTML 28Page - Motorola, Inc MC44724A Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
MC44724A/5A Rev 0.05 07/15/98
No.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
25
[Specifications]
Maximum Ratings
DC Supply Voltage
Vdd
-0.5 ~ +7.0
V
Input Voltage, All Inputs
Vin
-1.5 ~ Vdd+1.5
V
Output Voltage, All Outputs
Vout
-0.5 ~ Vdd+1.5
V
DC Output Current, per Pin
Iout
25
mA
Power Dissipation
Pd
750
mW
Storage Temperature
Tstg
-65 ~ +150
°C
DAC Blocks Characteristics(Power Supply 5.0V,Ta=25
°C)
Characteristics
Sym.
Min
Typ
Max
Unit
Other
Resolution
-
-
-
10
Bit
Integral Non-Linearity
INL
-
-
± 2.0
LSB
Vref = 1.5V, Ibias = 1.8k
Ω, Rl = 180Ω
Differential Non-Linearity
DNL
-
-
± 1.0
LSB
Vref = 1.5V, Ibias = 1.8k
Ω, Rl = 180Ω
Analog Output Voltage
Vyo
1.35
1.5*
1.65
Vp-p
Vref = 1.5V, Ibias = 1.8k
Ω, Rl = 180Ω
Full Scale Output Voltage
Vyfs
1.35
1.5**
1.65
V
Vref = 1.5V, Ibias = 1.8k
Ω, Rl = 180Ω
Zero Scale Output Voltage
Vyzs
-
0.0***
0.1
V
Vref = 1.5V, Ibias = 1.8k
Ω, Rl = 180Ω
External Load Resistance
R L
75
-
-
DAC Blocks Characteristics(Power Supply 3.3V,Ta=25
°C)
Characteristics
Sym.
Min
Typ
Max
Unit
Other
Resolution
-
-
-
10
Bit
Integral Non-Linearity
INL
-
-
± 2.0
LSB
Vref = 1.0V, Ibias = 1.8k
Ω, Rl = 180Ω
Differential Non-Linearity
DNL
-
-
± 1.0
LSB
Vref = 1.0V, Ibias = 1.8k
Ω, Rl = 180Ω
Analog Output Voltage
Vyo
0.85
1.00*
1.15
Vp-p
Vref = 1.0V, Ibias = 1.8k
Ω, Rl = 180Ω
Full Scale Output Voltage
Vyfs
0.85
1.00**
1.15
V
Vref = 1.0V, Ibias = 1.8k
Ω, Rl = 180Ω
Zero Scale Output Voltage
Vyzs
-
0.0***
0.1
V
Vref = 1.0V, Ibias = 1.8k
Ω, Rl = 180Ω
External Load Resistance
RL
75
-
-
Note : D/A Converter Output Full Scale Voltage
Vyts (V) = (Vref / Iref ) * K * R load (K = 10 : DAC Current Gain)
( code 3ff(fex))
Power Dissipation
Pd = [ (Vref1/Iref1 * 10 * 3ch) + (Vref2 / Iref2 * 10 * 3ch) + 10mA (Bais Current)] * 3.3V (or 5V)
Electrical Characteristics
Characteristic
Symbol Min
Typ
Max
Unit
Other
Power Supply Voltage(Analog Blocks)
AVDD
3.1
3.3
3.5
V
DAVDD
4.75
5.0
5.25
Power Supply Voltage(Digital Blocks)
DVDD
3.1
3.3
3.5
V
DVDD
Supply Current(Analog Blocks)
AIcc
-
70
-
mA
Vref = 1V,
Supply Current(Digital Blocks)
DIcc
-
50
-
mA
Iref = 1.8K
Ω, Rl = 180Ω
Operating Temperature
Ta
0
-
70
°C
Note :
*
: code 000(hex) ~code max.
**
: code max.
*** : code 000(hex)
: Negative Outputs are not tested.
Note :
*
: code 000(hex) ~code max.
**
: code max.
*** : code 000(hex)
: Negative Outputs are not tested.
Other
-1.5 ~ Vdd+1.95V at Vdd=3.3V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44724A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44724 MOTOROLA-MC44724 Datasheet
468Kb / 39P
   Digital Video Encoder
More results

Similar Description - MC44724A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44722A MOTOROLA-MC44722A Datasheet
266Kb / 42P
   Advanced Digital Video Encoder
logo
Sony Corporation
CXD1916R SONY-CXD1916R Datasheet
354Kb / 50P
   Digital Video Encoder
logo
NXP Semiconductors
SAF7129AH NXP-SAF7129AH Datasheet
198Kb / 56P
   Digital video encoder
2004 Mar 16
SAA7128H PHILIPS-SAA7128H Datasheet
192Kb / 56P
   Digital video encoder
2000 Mar 08
SAA7104E PHILIPS-SAA7104E Datasheet
360Kb / 70P
   Digital video encoder
2004 Mar 04
SAA7102 NXP-SAA7102_06 Datasheet
420Kb / 84P
   Digital video encoder
Rev. 04-18 January 2006
logo
Sony Corporation
CXD1910AQ SONY-CXD1910AQ Datasheet
215Kb / 28P
   Digital Video Encoder
logo
Rohm
BU9969KN ROHM-BU9969KN Datasheet
404Kb / 6P
   Digital video encoder
logo
Sony Corporation
CXD1913AQ SONY-CXD1913AQ Datasheet
405Kb / 36P
   Digital Video Encoder
logo
NXP Semiconductors
SAA7128A PHILIPS-SAA7128A Datasheet
262Kb / 55P
   Digital video encoder
2003 Dec 09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com