Electronic Components Datasheet Search |
|
SMWA12C-S04 Datasheet(PDF) 1 Page - Vitec Power |
|
SMWA12C-S04 Datasheet(HTML) 1 Page - Vitec Power |
1 / 2 page SMWA12C SERIES 12W Medical Grade Wall Mount Power Supply – Wide Input Voltage 90 to 264 VAC, 47 to 63Hz – European type 2 prong plug – Single Output – Output Voltage Available From 5VDC Thru 27VDC – Over Voltage, Over Load, and Over Temperature Protection – Class II Insulation – Energy Star 2.0, CEC Level V, and RoHS Compliance 3 Year Warranty Approvals: Single Output Part Number Output Voltage Max. Output Current Total Regulation Max. Output Power SMWA12C-S02 5 ~ 6 VDC 2.00 ~ 1.66 A 5% 10W SMWA12C-S03 6 ~ 8 VDC 2.00 ~ 1.50 A 5% 12W SMWA12C-S04 8 ~ 11 VDC 1.50 ~ 1.09 A 5% 12W SMWA12C-S05 11 ~ 13 VDC 1.09 ~ 0.92 A 5% 12W SMWA12C-S06 13 ~ 16 VDC 0.92 ~ 0.75 A 5% 12W SMWA12C-S07 16 ~ 21 VDC 0.75 ~ 0.57 A 3% 12W SMWA12C-S08 21 ~ 27 VDC 0.57 ~ 0.44 A 3% 12W The total regulation on model S02~S03 is required to use AWG#18 / 6FT output cable. The total regulation on model S04~S08 is required to use AWG#20 / 6FT output cable. The regulation and efficiency are not guaranteed if changes the output cable Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 264 VAC Input Frequency 47 63 Hz Output Power Range Vin=90 to 264VAC 0 12 W Input Current (Low Line) Io=Full load, Vin=115VAC 0.25 0.35 A Input Current (High Line) Io=Full load, Vin=230VAC 0.17 0.22 A Low Line Inrush Current Io=Full load, 25°C Cool start, Vin=115VAC 14 16 A High Line Inrush Current Io=Full load, 25°C Cool start, Vin=230VAC 28 35 A Efficiency Io=Full Load, Vin=230VAC 73.3 77.7 85 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 3 5 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 10 16 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S Ripple & Noise(Peak to Peak) Full Load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.1 mA Temperature Coefficient All output -0.04 0.04 %/°C No-Load Power Consumption No load, Vin=240VAC 0.3 W Thermal Shutdown By Junction Temperature Controller * The parameter is not subject to production test-verified by design/characterization of integrated controller. Auto recovery. -25 130 °C *As long as faulty conditions have been removed , the adaptor will automatically power up as usual. Conditions Parameter Test Conditions Min. Typ. Max. Unit Operating Temperature 0 50 70 °C Storage Temperature -40 85 °C Relative Humidity 5 95 % Operation temperature at 25°C, calculated per MIL-HDBK-217F 0.1M Hrs Derate linearly from 100% load at 50°C to 50% load at 70°C |
Similar Part No. - SMWA12C-S04 |
|
Similar Description - SMWA12C-S04 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |