Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33996 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33996
Description  16-Output Switch with SPI Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33996 Datasheet(HTML) 1 Page - Motorola, Inc

  MC33996 Datasheet HTML 1Page - Motorola, Inc MC33996 Datasheet HTML 2Page - Motorola, Inc MC33996 Datasheet HTML 3Page - Motorola, Inc MC33996 Datasheet HTML 4Page - Motorola, Inc MC33996 Datasheet HTML 5Page - Motorola, Inc MC33996 Datasheet HTML 6Page - Motorola, Inc MC33996 Datasheet HTML 7Page - Motorola, Inc MC33996 Datasheet HTML 8Page - Motorola, Inc MC33996 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a product under development.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 2004
Document order number: MC33996
Rev 1.0, 01/2004
33996
Preliminary Information
Simplified Application Diagram
VPWR
MCU
33996
LED
Lamp
Solenoid/Relay
3.3 V/5.0 V
VDD
VPWR
GND
OUT15
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
OUT9
OUT10
OUT11
OUT12
OUT13
OUT14
VBAT
SOPWR
SO
MOSI
PWM
PWM
SI
MISO
CS
CS
SCLK
SCLK
RST
RST
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33996EK/R2
-40°C to 125°C
32 SOICW-EP
16-Output Switch with SPI Control
The 33996 is a 16-output low-side switch with a 24-bit serial input control.
It is designed for a variety of applications including inductive, incandescent,
and LED loads. The Serial Peripheral Interface (SPI) provides both input
control and diagnostic readout. A Pulse Width Modulation (PWM) control input
is provided for pulse width modulation of multiple outputs at the same duty
cycle. A dedicated reset input provides the ability to clear all internal registers
and turn all outputs off.
The 33996 directly interfaces with microcontrollers and is compatible with
both 3.3 V and 5.0 V CMOS logic levels. The 33996, in effect, serves as a bus
expander and buffer with fault management features that reduce the MCU’s
fault management burden.
Features
• Designed to Operate 5.0 V < VPWR < 27 V
• 24-Bit SPI for Control and Fault Reporting, 3.3 V/5.0 V Compatible
• Outputs Are Current Limited (0.9 A to 2.5 A) to Drive Incandescent
Lamps
• Output Voltage Clamp of +50 V During Inductive Switching
• On/Off Control of Open Load Detect Current (LED Application)
•VPWR Standby Current < 10 µA
•RDS(ON) of 0.55 at 25°C Typical
• Independent Overtemperature Protection
• Output Selectable for PWM Control
• Output ON Short-to-VBAT and OFF Short-to-Ground/Open Detection
• 32-Pin Exposed Pad Package for Thermal Performance
• Pb-Free Packaging Designated by Suffix Code EK
DUAL OCTAL SERIAL SWITCH
WITH SERIAL PERIPHERAL
INTERFACE I/O
EK (Pb-FREE) SUFFIX
CASE 1454-01
32-LEAD SOICW EXPOSED PAD
33996 Simplified Application Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33996

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
MC33996EK FREESCALE-MC33996EK Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EK FREESCALE-MC33996EK Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
More results

Similar Description - MC33996

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996 FREESCALE-MC33996 Datasheet
1Mb / 24P
   16 Output Switch with SPI Control
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com