Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1513 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1513
Description  Integrated Circuit 9-Step LED Driver Circuit for Logarithmic Scale
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1513 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1513 Datasheet HTML 1Page - NTE Electronics NTE1513 Datasheet HTML 2Page - NTE Electronics NTE1513 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE1513
Integrated Circuit
9–Step LED Driver Circuit for Logarithmic Scale
Functions:
D Indication Way:
Indicates input level in a series bar by 9 red or green LED’s
D Input Amp:
DC amp installed the aim of which can be varied by a peripheral resistor.
D Comparator Level: Designed with 3dB rate;
–18dB, –15dB, –12dB, –9dB, –6dB, –3dB, 0dB, +3dB, +6dB
D Supply Voltage:
Wide recommended supply voltage: 5.5 to 16V At Vref2: 7 to 16V
D Reference Voltage: Vref (5V) pin can prepare another voltage regulator with added transistor
Applications:
D For AC Level Meter as VU Meter
D For DC Level Metetr as Signal Meter
Comparator Level: (TA =+ 25°C, VCC = 12V, Vrefl = 3V)
Comparator Level
Pin
Min
Typ
Max
Unit
D1
7
0.11
0.18 (Note 1)
0.25
V
D2
8
0.20
0.27 (Note 1)
0.34
V
D3
9
0.30
0.38 (Note 1)
0.46
V
D4
10
0.45
0.53 (Note 1)
0.61
V
D5
11
0.66
0.75
0.84
V
D6
12
0.97
1.06
1.15
V
D7
13
1.40
1.50
1.60
V
D8
14
2.02
2.12
2.22
V
D9
15
2.90
3.00
3.10
V
Note 1. No
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage (Pin1), VCCmax
–0.3V to +18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage (Pin3, Pin4), VIN
–0.3V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
D1 to D9 Output Voltage (D1 to D9: Off), VOUT D
–0.3V to +18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
D1 to D9 Output Current (Pin7 to Pin15, D1 to D9: On), IOL D
+30mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Reference Voltage Flow–Out Current,
Pin2, Iref1
–1mA to 0mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin16, Iref2
–6mA to 0mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VOUT Supply Voltage (Pin5), VOUT
–0.3V to +6.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA = +55°C), Pdmax
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–10
° to +60°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE1513

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1510 NTE-NTE1510 Datasheet
19Kb / 2P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1511 NTE-NTE1511 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1514 NTE-NTE1514 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Logarithmic Scale
NTE1515 NTE-NTE1515 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Logarithmic Scale
NTE1516 NTE-NTE1516 Datasheet
81Kb / 3P
   Integrated Circuit Audio Power Amp, 1.8 Watt
More results

Similar Description - NTE1513

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1514 NTE-NTE1514 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Logarithmic Scale
NTE1503 NTE-NTE1503 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Logarithmic Response
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
NTE1519 NTE-NTE1519 Datasheet
19Kb / 2P
   Integrated Circuit 10-Step LED Driver Circuit for Linear Scale
NTE1511 NTE-NTE1511 Datasheet
25Kb / 3P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1510 NTE-NTE1510 Datasheet
19Kb / 2P
   Integrated Circuit 5-Step LED Driver for Linear Scale
NTE1500 NTE-NTE1500 Datasheet
22Kb / 3P
   Integrated Circuit 7-Step LED Driver Circuit
NTE1502 NTE-NTE1502 Datasheet
20Kb / 2P
   Integrated Circuit 5-Step LED Driver Circuit for Linear Response
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1866 NTE-NTE1866 Datasheet
21Kb / 2P
   Integrated Circuit 5-Point LED VU Scale Bar Level Meter Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com