Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ALS70A122DF450 Datasheet(PDF) 1 Page - Kemet Corporation

Part No. ALS70A122DF450
Description  Aluminum Electrolytic, 85C, ALS70, 1200 uF, 20%, 450 V, -40/85C
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

ALS70A122DF450 Datasheet(HTML) 1 Page - Kemet Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - f21366f1-9b3b-4ced-b120-adecbb012a80
KEMET Part Number: ALS70A122DF450
Aluminum Electrolytic, 85C, ALS70, 1200 uF, 20%, 450 V, -40/+85C
Dimensions
D
36mm +/-1mm
L
105mm +/-2mm
T
7.14mm +/-0.5mm
S
12.8mm +/-0.5mm
DT
8mm +/-0.5mm
LT
111.5mm +/-1mm
TD
10mm MIN
V
8mm NOM
Packaging Specifications
Weight: 140 g
Sleeving: Yes
Packaging: T&R
General Information
Dielectric: Aluminum Electrolytic
Series: ALS70
Description: Screw Terminal, Aluminum
Electrolytic
RoHS: Yes
Notes: Dimensions D And L Include
Sleeving. MS (MxH) = M8x 12
Specifications
Capacitance: 1200 uF
Capacitance Tolerance: 20%
Voltage DC: 450 VDC, 495 VDC (Surge), 550
VDC (Surge)
Temperature Range: -40/+85C
Rated Temperature: 85C
Life:
11000 Hrs (Rated Voltage And
Ripple Current At 85C), 22000
Hrs (Rated Voltage At 85C)
Resistance: 146 mOhms (100Hz 20C), 93
mOhms (10kHz 20C)
Current: 5.3 Amps (100Hz 85C), 10.6
Amps (10 kHz 85C)
Leakage Current: 3240 uA
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn