Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC33094DW Datasheet(PDF) 10 Page - Motorola, Inc

Part # PC33094DW
Description  IGNITION CONTROL
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33094DW Datasheet(HTML) 10 Page - Motorola, Inc

Back Button PC33094DW Datasheet HTML 6Page - Motorola, Inc PC33094DW Datasheet HTML 7Page - Motorola, Inc PC33094DW Datasheet HTML 8Page - Motorola, Inc PC33094DW Datasheet HTML 9Page - Motorola, Inc PC33094DW Datasheet HTML 10Page - Motorola, Inc PC33094DW Datasheet HTML 11Page - Motorola, Inc PC33094DW Datasheet HTML 12Page - Motorola, Inc PC33094DW Datasheet HTML 13Page - Motorola, Inc PC33094DW Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MC33094
10
MOTOROLA ANALOG IC DEVICE DATA
Vin(-)
SW
Ignition
+Vbat
Master
Bias
Band-Gap
Reference
VCC Clamp and
Zener Ref.
Input
Comp. and
Negative
Edge Filter
Output Current
Driver and Limiter
Stall
Capacitor
Adaptive
Capacitor
Ramp
Capacitor
CR > CA
Comparator
Internal
Logic
26
9
CA
CR
CS
Vin(-)
ST
T
10
12
11
14
15.3 k
330
55
18 V
200
4.0 k
200
56
0.05
5.0 W
0.1 µ
27 k
10 k
Figure 11. Typical Ignition Circuit
7
8
13
MB
G
VCC
0.1 µ
0.1 µ
DI
Out
DC
IS
34
15
0.1 µ
0.1 µ
BU931,
MJE5742,
or
MJH10012
Introduction
The MC33094DW is designed for engine compartment
use in 12 V automotive ignition applications to provide high
performance control of the ignition coil when used with an
appropriate Motorola Power Darlington Transistor. Engine
control systems utilizing these devices for ignition coil control
exhibit superior fuel efficiency and lower exhaust emissions
over predecessor systems. The device is designed for single
input control from a Hall sensor to determine crankshaft
position.
The device, a bipolar linear integrated circuit, is built using
high–density Integrated–Injection Logic (IIL) processing
incorporating high current–gain PNP and NPN transistors. All
module inputs are transient voltage protected through the
use of resistors, capacitors, and/or zener diodes working in
conjunction with internal protection elements. These
elements provide protection of critical circuitry from externally
induced high–voltage transients which may degrade the
devices operational performance. At the module level, it is
recommended the VCC pin of the device be transient
decoupled using an external resistor and capacitor to work in
conjunction with the on–chip internal zener string to provide
robust module protection of the device power pin. The D input
of module should be protected from transients through the
use of an external resistor and zener diode. The Start Wire of
the module should be decoupled through the use of two
resistors and a capacitor to work in conjunction with the
on–chip internal clamp (Figure 11).
The output of the device incorporates a high current–gain
PNP designed to drive an external power Darlington
transistor to provide control of the ignition coil. The output
drive is carefully synchronized with the output from the
distributor. The charging and discharging of three capacitors,
external to the device, provide timing signals which program
the dwell and charge time control of the ignition coil over a
wide rpm range.
The timing and charge/discharge rates of the three
external capacitors are accurately controlled by internal
circuitry acted upon by sensor and distributor signal detection
of the device.
A feedback path from the emitter of the external power
Darlington transistor to the device provide monitoring of the
ignition coil current. An internal comparitor of the device
senses and limits the maximum ignition coil current to
approximately 6.5 amps. Other circuitry within the device
provides an interruption of the coil current so as to generate
the spark, or slowly discharges the coil in a controlled
manner so as to prevent a spark and limit the total module
energy dissipation.
When the external Darlington is switched off, the
Darlington collector will instantly experience a dramatic
increase in voltage as a result of the collapsing field of the
ignition coil (inductive kick). The external voltage divider
working in conjunction with the internal device zener string
and power PNP form a dynamic clamp which limits the
inductive kick voltage to less than 350 V. This feature
protects the Darlington transistor from damaging stress or
breakdown.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33094DW

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
PC330S61B14 WINCHESTER-PC330S61B14 Datasheet
132Kb / 1P
   30 POSITION STRAIGHT COMPLIANT SOCKET CONNECTOR
More results

Similar Description - PC33094DW

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
585 MALLORY-585 Datasheet
691Kb / 12P
   IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6014 MALLORY-6014 Datasheet
1Mb / 12P
   MSD LS Ignition Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com