Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7430D20R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV7430D20R2G
Description  Automotive LIN RGB LED Driver
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7430D20R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV7430D20R2G Datasheet HTML 1Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 2Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 3Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 4Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 5Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 6Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 7Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 8Page - ON Semiconductor NCV7430D20R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2017 − Rev. 10
1
Publication Order Number:
NCV7430/D
NCV7430
Automotive LIN RGB LED
Driver
The NCV7430 is a single−chip RGB driver intended for dedicated
multicolor LED applications. The RGB LED driver contains a LIN
interface (slave) for parametric programming of LED color and intensity.
The device receives instructions through the LIN bus and
subsequently drives the LEDs independently.
The NCV7430 acts as a slave on the LIN bus and the master can
request specific status information (parameter values and error flags).
The LIN address of the NCV7430 can be programmed in the internal
memory of the device.
The NCV7430 is fully compatible with automotive requirements.
PRODUCT FEATURES
LED Driver
3 Independent LED Current Regulators
LED Currents Adjustable with External Resistors
Power Dissipation Option with External Ballast Transistor
Controller with One−Time−Programmable Memory (OTP)
LED Modulation Controller for 3 LEDs
Full LED Calibration Support
Internal LED Color Calibration via Matrix Calculation
Intensity Control (linear or logarithmic)
Dimming and Color Transition (linear) Function
with Programmable Transition Time
LIN Interface
LIN Physical Layer according to LIN 2.1/ SAE J2602
OTP−programmable Device Node Number
OTP−programmable Group Address
Diagnostics and Status Information
LIN Bus Short Circuit Protection to Supply and Ground
Protection and Diagnostics
Overcurrent Detection
Short Circuit Detection to GND and VBB
Open LED Detection
High Temperature Warning and Shutdown
Retry Mode on Error Detection
Power Saving
Sleep Mode Supply Current 10 mA
Compliant with 14 V Automotive Systems
EMI Compatibility
LIN Bus Integrated Slope Control
EMC Reduced LED Modulation Mode
Quality
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MARKING
DIAGRAM
www.onsemi.com
1
14
SOIC−14
D2 SUFFIX
CASE 751A
NCV7430−0
AWLYWWG
1
14
NCV7430 = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
14
13
12
11
10
9
8
1
2
3
4
5
6
7
ANODE
VBIAS
VBB
LIN
GND
TST2
GND
LED3C
LED1C
LED2C
TST1
LED2R
LED1R
LED3R
PIN CONNECTIONS
Device
Package
Shipping
ORDERING INFORMATION
NCV7430D20G
SOIC−14
(Pb−Free)
55 Units / Tube
NCV7430D20R2G
SOIC−14
(Pb−Free)
3000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NCV7430D20R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430D20R2G ONSEMI-NCV7430D20R2G Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
More results

Similar Description - NCV7430D20R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
logo
Melexis Microelectronic...
MLX81109 MELEXIS-MLX81109 Datasheet
377Kb / 6P
   Mini LIN/LIN RGB Slave Controller
logo
Texas Instruments
LP5520 TI1-LP5520_16 Datasheet
1Mb / 46P
[Old version datasheet]   RGB Backlight LED Driver
logo
National Semiconductor ...
LP5520 NSC-LP5520 Datasheet
1,022Kb / 34P
   RGB Backlight LED Driver
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
July, 2017 ??Rev. 1
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
   RGB LED Driver Demonstration Board
07/14/15
logo
STMicroelectronics
L99DZ120 STMICROELECTRONICS-L99DZ120 Datasheet
2Mb / 162P
   Automotive door actuator driver with embedded LIN
November 2016 Rev 4
logo
List of Unclassifed Man...
MBI1009 ETC1-MBI1009 Datasheet
152Kb / 8P
   3-Channel RGB LED Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com