Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7748 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV7748
Description  Automotive LIN Low-Side Relay Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7748 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV7748 Datasheet HTML 7Page - ON Semiconductor NCV7748 Datasheet HTML 8Page - ON Semiconductor NCV7748 Datasheet HTML 9Page - ON Semiconductor NCV7748 Datasheet HTML 10Page - ON Semiconductor NCV7748 Datasheet HTML 11Page - ON Semiconductor NCV7748 Datasheet HTML 12Page - ON Semiconductor NCV7748 Datasheet HTML 13Page - ON Semiconductor NCV7748 Datasheet HTML 14Page - ON Semiconductor NCV7748 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
NCV7748
www.onsemi.com
11
During normal operation, the open circuit impedance
(Roc) is zero ohms (Figure 6). This sets the voltage on
OUT4 or OUT8 to VS volts. As long as VS is above
V_th_open no open circuit fault will be recognized. The
voltage appearing on OUT4 or OUT8 is a result of VS and
the voltage drop across Roc realized by the current flow
created by I_th_open.
The NCV7748 voltage level trip points are referenced to
ground. The threshold range is between 1.0 V and 2.5 V.
With a nominal battery voltage (VS) of 14 V, the resultant
worst case thresholds of detection are as follows.
VS
* OpenLoadDetectionThresholdvoltage
OpenLoadDiagnosticSinkCurrent
+
OpenLoad
Impedance
14 V
* 2.5 V
140
mA
+ 82.1 KW
14 V
* 1.0 V
50
mA
+ 260 KW
The maximum impedance detection threshold is 260 K
W,
but may not be detected until the minimum impedance of
82.1 K
W.
Note – Electrical parameter magnitudes in the Open Load
Detection diagram are shown as typical values.
Open Load
detection
Channel x
GND
OUT4,8
Open
Load
Flag
1.75 V
VS
Roc
100
mA
Output Turn−
on Control
V_th_open
I_th_open
V_th _open = Open Load Detection Threshold Voltage
(OUT4, OUT8)
I_th _open = Open Load Diagnostic Sink Current
Open Load Detection is
active when the output
driver is off.
Figure 6. Open Load Detection
(OUT4, OUT8)


Similar Part No. - NCV7748

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7748D2R2G ONSEMI-NCV7748D2R2G Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
More results

Similar Description - NCV7748

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7748 ONSEMI-NCV7748_17 Datasheet
518Kb / 30P
   Automotive LIN Low-Side Relay Driver
October, 2017 ??Rev. 2
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754 Datasheet
373Kb / 26P
   Octal Low-Side Relay Driver
February, 2015 ??Rev. 1
NCV7430-D ONSEMI-NCV7430-D Datasheet
321Kb / 32P
   Automotive LIN RGB LED Driver
December, 2012 ??Rev. 1
NCV7430 ONSEMI-NCV7430_17 Datasheet
274Kb / 34P
   Automotive LIN RGB LED Driver
June, 2017 ??Rev. 10
NCV7430 ONSEMI-NCV7430 Datasheet
293Kb / 33P
   Automotive LIN RGB LED Driver
April, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com