Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFR2502 Datasheet(PDF) 1 Page - First Components International

Part # PTFR2502
Description  25.0 Amp TIN CAN AUTO DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

PTFR2502 Datasheet(HTML) 1 Page - First Components International

  PTFR2502 Datasheet HTML 1Page - First Components International PTFR2502 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25oC ambient temperature unless otherwise specified.
-40 to +175
TIN CAN
PTFR2502
SYMBOL
VRRM
VRMS
VB
I(AV)
IFSM
VF
IR
TJ, TSTG
PTFR2504
PTFR2506
600
400
420
280
600
400
25
10
400
500
UNIT
V
V
V
V
A
A
uA
uA
oC
200
140
200
1.2
Maximum Peak Repetitive Reverse Voltage@Irrm=10uA
Maximum RMS Voltage
Maximum DC Blocking Voltage(TA=25
oC)
Maximum Average Forward Current Io@Tc=150
oC
Peak Forward Surge Current, 8.3ms single
Maximum Inst. Forward Voltage Drop,
Maximum DC Reverse Current
(VB)@TJ=25
oC
Operating Junction and Storage Temperature Range
60 Hz, resistive or inductive load
Half sine-wave superimposed on rated load
(JEDEC method)
IF at 80Amp
At Rated DC Blocking Voltage
(VB)@TJ=175
oC
¬
Weight: 4.92 gram
Features
¬
Low forward voltage drop
¬
High current capability
¬
Case: OFC Heat Sink
¬
High surge current capability
¬
Encap: Epoxy Sealed Rated
Mechanical Data
¬
High reliability
UL94V-0
Data Sheet
25.0 Amp TIN CAN
AUTO DIODE
Description
Mechanical Dimensions


Similar Part No. - PTFR2502

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PTFR2502 FCI-PTFR2502 Datasheet
757Kb / 2P
   25.0 Amp TIN CAN AUTO DIODE High surge current capability
More results

Similar Description - PTFR2502

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
PTYFR2501 FCI-PTYFR2501 Datasheet
500Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
FCI connector
PTYFR2502-2506 FCI-CONNECTOR-PTYFR2502-2506 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE
logo
First Components Intern...
PTFR2502 FCI-PTFR2502 Datasheet
757Kb / 2P
   25.0 Amp TIN CAN AUTO DIODE High surge current capability
PTYFR2502 FCI-PTYFR2502 Datasheet
489Kb / 2P
   25.0 Amp Y-LEAD TIN CAN AUTO DIODE High surge current capability
logo
FCI connector
PTFR5002-5006 FCI-CONNECTOR-PTFR5002-5006 Datasheet
561Kb / 2P
   50.0 Amp TIN CAN AUTO DIODE
PTFR3502-3506 FCI-CONNECTOR-PTFR3502-3506 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE
logo
First Components Intern...
PTFR3501 FCI-PTFR3501 Datasheet
538Kb / 2P
   35.0 Amp TIN CAN AUTO DIODE
PTFR5001 FCI-PTFR5001 Datasheet
561Kb / 2P
   50.0 Amp TIN CAN AUTO DIODE
SCFR2501 FCI-SCFR2501 Datasheet
2Mb / 2P
   25.0 Amp SOZA CELL AUTO DIODE
PTYFR3501 FCI-PTYFR3501 Datasheet
549Kb / 2P
   35.0 Amp Y-LEAD TIN CAN AUTO DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com