Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTSM104A Datasheet(PDF) 8 Page - First Components International

Part # FTSM104A
Description  Quad Operational Amplifier and Programmable Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FTSM104A Datasheet(HTML) 8 Page - First Components International

  FTSM104A Datasheet HTML 1Page - First Components International FTSM104A Datasheet HTML 2Page - First Components International FTSM104A Datasheet HTML 3Page - First Components International FTSM104A Datasheet HTML 4Page - First Components International FTSM104A Datasheet HTML 5Page - First Components International FTSM104A Datasheet HTML 6Page - First Components International FTSM104A Datasheet HTML 7Page - First Components International FTSM104A Datasheet HTML 8Page - First Components International FTSM104A Datasheet HTML 9Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Die size Хr=1.72mm, Уr=2.50mm (pad size measured by layer “passivation”)
Coordinates of pads
Coordinates left bottom, mkm
pad size, mkm
No of pad
(by layer
“passivation”)
Х
У
01
691
2307
100
×100
02
353
2307
100
×100
03
139
2137
100
×100
04
93
1664
100
×100
05
139
1200
100
×100
06
139
1040
100
×100
07
121
855
70
×70
08
121
667
70
×70
09
121
479
70
×70
10
121
291
70
×70
11
99
131
100
×100
12
256
145
70
×70
13
378
145
70
×70
14
732
132
100
×100
15
1189
183
70
×70
16
1305
172
100
×100
17
1525
143
100
×100
18
1377
1040
100
×100
19
1377
1200
100
×100
20
1550
1453
70
×70
21
1520
1664
100
×100
22
1479
2137
100
×100
23
1265
2307
100
×100
24
927
2307
100
×100
Quad Operational Amplifier and Programmable Voltage Reference


Similar Part No. - FTSM104A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FTSM101A FCI-FTSM101A Datasheet
166Kb / 7P
   VOLTAGE AND CURRENT CONTROLLER
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
   Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
FTSM103A FCI-FTSM103A Datasheet
207Kb / 9P
   Dual Operational Amplifier and Voltage Reference MEDIUM BANDWIDTH (unity gain) : 0.9MHz
More results

Similar Description - FTSM104A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104 Datasheet
103Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104W STMICROELECTRONICS-TSM104W Datasheet
160Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
TSM104WAIDT STMICROELECTRONICS-TSM104WAIDT Datasheet
162Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
January 2003
logo
E-Tech Electronics LTD
UM604_A ETL-UM604_A Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604 UTC-UM604 Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
UM604A UTC-UM604A_17 Datasheet
187Kb / 6P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
STMicroelectronics
TSM104 STMICROELECTRONICS-TSM104_03 Datasheet
161Kb / 9P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Unisonic Technologies
UM604-A UTC-UM604-A Datasheet
168Kb / 7P
   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
Texas Instruments
TSM104W TI-TSM104W Datasheet
251Kb / 11P
[Old version datasheet]   QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
logo
National Semiconductor ...
LM614 NSC-LM614 Datasheet
857Kb / 17P
   Quad Operational Amplifier and Adjustable Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com