Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA100JU Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA100JU
Description  100W Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA100JU Datasheet(HTML) 1 Page - Vitec Power

  ILPA100JU Datasheet HTML 1Page - Vitec Power ILPA100JU Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA100JU SERIES
100W Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Output Current Available From 350mA To 4200mA
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 92%)
Active Power Factor Correction (PFC) (99% typical)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation
2 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min. / Typ. / Max.)
Max.
Output Power
ILPA100JU-S420ST
3990 / 4200 / 4410 mA
14 / 24 VDC
90.5%
28 / 31 / 34 VDC
100W
ILPA100JU-S357ST
3391 / 3570 / 3748 mA
17 / 28 VDC
90.5%
33 / 36 / 40 VDC
100W
ILPA100JU-S315ST
2992 / 3150 / 3307 mA
19 / 32 VDC
90.5%
38 / 42 / 45 VDC
100W
ILPA100JU-S280ST
2660 / 2800 / 2940 mA
22 / 36 VDC
90.5%
43 / 47 / 51 VDC
100W
ILPA100JU-S245ST
2327 / 2450 / 2572 mA
25 / 41 VDC
91%
49 / 53 / 58 VDC
100W
ILPA100JU-S210ST
1995 / 2100 / 2205 mA
29 / 48 VDC
91%
57 / 63 / 67 VDC
100W
ILPA100JU-S175ST
1662 / 1750 / 1837 mA
34 / 57 VDC
91%
68 / 74 / 80 VDC
100W
ILPA100JU-S140ST
1330 / 1400 / 1470 mA
43 / 71 VDC
91%
86 / 94 / 101 VDC
100W
ILPA100JU-S105ST
997 / 1050 / 1102 mA
57 / 95 VDC
91%
114 / 124 / 133 VDC
100W
ILPA100JU-S070ST
665 / 700 / 735 mA
86 / 143 VDC
91%
171 / 186 / 200 VDC
100W
ILPA100JU-S045ST
427 / 450 / 473 mA
132 / 222 VDC
92%
266 / 289 / 311 VDC
100W
ILPA100JU-S035ST
332 / 350 / 368 mA
172 / 286 VDC
92%
343 / 372 / 401 VDC
100W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 305VAC
0
100
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.30
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.60
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
65
A
Power Factor Correction
Vin=110VAC
96
99
%
Efficiency
Io=Full Load, Vin=220VAC
88
92
%
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
0.6
1
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
5
% Vo


Similar Part No. - ILPA100JU

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100JU-S035ST Vitec-ILPA100JU-S035ST Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU-S045ST Vitec-ILPA100JU-S045ST Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU-S070ST Vitec-ILPA100JU-S070ST Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU-S105ST Vitec-ILPA100JU-S105ST Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100JU-S140ST Vitec-ILPA100JU-S140ST Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA100JU

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA100VU Vitec-ILPA100VU Datasheet
300Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VU-SERIES Vitec-ILPA100VU-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VW-SERIES Vitec-ILPA100VW-SERIES Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA100VW Vitec-ILPA100VW Datasheet
288Kb / 2P
   100W Water-Proof Constant Voltage LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA30JW Vitec-ILPA30JW Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com