Electronic Components Datasheet Search |
|
SIFA151-S08 Datasheet(PDF) 1 Page - Vitec Power |
|
SIFA151-S08 Datasheet(HTML) 1 Page - Vitec Power |
1 / 2 page SIFA151 SERIES 150W Open Frame Power Supply for Industrial Equipment – Wide Input Voltage90 to 260 VAC, 47 to 63Hz – Single Output – Output voltage available from 9 to 48 VDC – Input Surge Current and Overload protection – Over Voltage Protection (Crowbar Design) – Class I Insulation – Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal – Output connector mates with Molex housing 09-50-3131and Molex 2478 series crimp terminal – Size: 3"x5"x1.4" – Operating temperature -20~70°C – Active Power Factor Correction 3 Year Warranty Approvals: Single Output Product Number Output Voltage Output Current Total Regulation Maximum Output Power SIFA151-S04 9 VDC 16.0 A 5% 144W SIFA151-S05 12 VDC 12.5 A 5% 150W SIFA151-S06 15 VDC 10.0 A 5% 150W SIFA151-S07 18 VDC 8.33 A 4% 150W SIFA151-S08 24 VDC 6.25 A 3% 150W SIFA151-S09 30 VDC 5.00 A 2% 150W SIFA151-S10 36 VDC 4.17 A 2% 150W SIFA151-S11 48 VDC 3.13 A 2% 150W Electrical Characteristics Parameter Test Conditions Min. Typ. Max. Unit Input Voltage Operating Voltage 90 260 VAC Input Frequency 47 63 Hz Power Factor Correction Io = Full load, Vin = 90-260VAC 0.95 0.97 1.0 Output Power Range Vin=90 to 264VAC 0 150 W Input Current (Low Line) Io=Full load, Vin=115VAC 2.0 A Input Current (High Line) Io=Full load, Vin=230VAC 0.8 A Low Line Inrush Current Io=Full load, 25°C, Cool start, Vin=115VAC 48 54 A High Line Inrush Current Io=Full load, 25°C, Cool start, Vin=230VAC 58 63 A Efficiency Io=Full Load, Vin=230VAC 85 88 90 % Line Regulation Io=Full Load 0.5 1 % Load Regulation Vin=230VAC 3 5 % Over Voltage Protection 112 132 % Over Current Protection 110 150 % Transient Response Io=Full Load to Half Load, Vin=100VAC 4 mS Hold-Up Time Io=Full Load, Vin=110VAC 16 mS Start Up Time Io=Full Load, Vin=100VAC 0.3 1 2 S Ripple & Noise (Peak to Peak) Full Load, Vin=90VAC 0.5 1 % Safety Ground Leakage Current Io=Full Load, Vin=240VAC 0.4 0.75 mA Temperature Coefficient All output -0.04 0.04 %/°C |
Similar Part No. - SIFA151-S08 |
|
Similar Description - SIFA151-S08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |