Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA130-S05 Datasheet(PDF) 2 Page - Vitec Power

Part # SMDA130-S05
Description  130W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SMDA130-S05 Datasheet(HTML) 2 Page - Vitec Power

  SMDA130-S05 Datasheet HTML 1Page - Vitec Power SMDA130-S05 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Io=Full load, Vin=230VAC
50
EMI requirements for CISPR-11
Vin=220VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=110VAC
B
CLASS
Mechanical and PIN out
Note:
1. Dimensions are shown in
mm.
2. Weight: 778-800g approx.
(Exclude the input cord)
3. Optional output connector.


Similar Part No. - SMDA130-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA130-S05 Vitec-SMDA130-S05 Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
More results

Similar Description - SMDA130-S05

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA130-SERIES Vitec-SMDA130-SERIES Datasheet
456Kb / 2P
   130W Desktop Power Supply for Medical Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA131-SERIES Vitec-STDA131-SERIES Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
SIDA130 Vitec-SIDA130 Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
STDA130 Vitec-STDA130 Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
STDA130-SERIES Vitec-STDA130-SERIES Datasheet
370Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for I.T. Equipment
SIDA130-SERIES Vitec-SIDA130-SERIES Datasheet
365Kb / 2P
   130W Desktop (or Mounting Tab) Power Supply for Industrial Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com