Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA35JUD-S290DT Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA35JUD-S290DT
Description  35W Dimmable Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA35JUD-S290DT Datasheet(HTML) 1 Page - Vitec Power

  ILPA35JUD-S290DT Datasheet HTML 1Page - Vitec Power ILPA35JUD-S290DT Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA35JUD SERIES
35W Dimmable Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Dimming Control, Constant Current Output
Over Voltage, Short Circuit, Lighting, and Over Temperature Protection
High Efficiency (up to 88%)
Active Power Factor Correction (PFC)
IP67 Waterproof Rating, Metal Housing
Comply with UL8750 & EN61347 Safety Regulation
3 Year Warranty
Approvals:
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage Range
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min/Typ/Max)
Max.
Output Power
ILPA35JUD-S290DT
2755 / 2900 / 3045 mA
4 / 12 VDC
82%
13 / 15 / 17 VDC
35W
ILPA35JUD-S245DT
2328 / 2450 / 2573 mA
5 / 15 VDC
83%
16 / 18 / 20 VDC
35W
ILPA35JUD-S210DT
1995 / 2100 / 2205 mA
6 / 18 VDC
84%
19 / 21 / 23 VDC
35W
ILPA35JUD-S175DT
1663 / 1750 / 1838 mA
7 / 20 VDC
84%
23 /
25 / 27 VDC
35W
ILPA35JUD-S140DT
1330 / 1400 / 1470 mA
8 / 24 VDC
85%
30 /
32 / 34 VDC
35W
ILPA35JUD-S105DT
998 / 1050 / 1103 mA
11 / 33 VDC
86%
39 / 41 / 43 VDC
35W
ILPA35JUD-S070DT
665 / 700 / 735 mA
17 / 50 VDC
86%
57 /
58 / 59 VDC
35W
ILPA35JUD-S045DT
428 / 450 / 473 mA
26 / 78 VDC
87%
95 / 97 / 99 VDC
35W
ILPA35JUD-S035DT
333 / 350 / 368 mA
33 / 100 VDC
88%
118 / 120 / 122 VDC
35W
Item -S290DT, -S245DT, -S210DT, -S175DT, -S140DT, -S105DT are Class 2 output (USR & CNR).
Item -S070DT is Class 2 output (USR), Non-Class 2 output (CNR)
Item -S045DT, -S035DT is Non-Class 2 output (USR & CNR)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 264VAC
0
35
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.49
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.25
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
20
A
Power Factor Correction
Vin=110VAC
92
%
Efficiency
Io=Full Load, Vin=230VAC
82
88
%
No-Load Power Consumption
No Load, VIn=230VAC
6
W
Line Regulation
Io=Full Load
2
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
(Latch mode. The power unit shall return to normal operation only after the power is turn-on again.)
Over Temperature Protection
110
°C
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=110VAC
1.7
2
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
10
% Vo


Similar Part No. - ILPA35JUD-S290DT

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA35JUD-S290DT Vitec-ILPA35JUD-S290DT Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA35JUD-S290DT

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA35JUD-SERIES Vitec-ILPA35JUD-SERIES Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA35JU-SERIES Vitec-ILPA35JU-SERIES Datasheet
332Kb / 2P
   35W Water-Proof Constant Current LED Driver
ILPA35JU Vitec-ILPA35JU Datasheet
332Kb / 2P
   35W Water-Proof Constant Current LED Driver
ILPA25JUD-SERIES Vitec-ILPA25JUD-SERIES Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD-SERIES Vitec-ILPA40JUD-SERIES Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA25JUD Vitec-ILPA25JUD Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com