Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILPA25JUD-S208DS Datasheet(PDF) 1 Page - Vitec Power

Part # ILPA25JUD-S208DS
Description  25W Dimmable Water-Proof Constant Current LED Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

ILPA25JUD-S208DS Datasheet(HTML) 1 Page - Vitec Power

  ILPA25JUD-S208DS Datasheet HTML 1Page - Vitec Power ILPA25JUD-S208DS Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILPA25JUD SERIES
25W Dimmable Water-Proof Constant Current LED Driver
Wide Input Voltage 90 to 305VAC, 47 to 63Hz
Constant Output Current Available From 350mA To 2080mA
Over Voltage, Short Circuit, Over Load Protection
High Efficiency (up to 85%)
Active Power Factor Correction (PFC) (92% typical)
IP66 Waterproof Rating
Comply with UL8750 & EN61347 Safety Regulation (Pending)
2 Year Warranty
Approvals: (Pending)
Single Output
Part Number
Output Current Range
(Min. / Typ. / Max.)
Output Voltage
(Min. / Max.)
Efficiency
(220VAC, Full Load)
Over Voltage Protection
(Min. / Typ. / Max.)
Max.
Output Power
ILPA25JUD-S208DS
1976 / 2080 / 2184 mA
4 / 12 VDC
80%
13 / 15 / 17 VDC
25W
ILPA25JUD-S175DS
1663 / 1750 / 1838 mA
5 / 14 VDC
80%
16 / 18 / 20 VDC
25W
ILPA25JUD-S140DS
1330 / 1400 / 1470 mA
6 / 18 VDC
82%
21 / 23 / 25 VDC
25W
ILPA25JUD-S105DS
998 / 1050 / 1103 mA
8 / 24 VDC
82%
30 / 32 / 34 VDC
25W
ILPA25JUD-S070DS
665 / 700 / 735 mA
12 / 36 VDC
83%
46 / 48 / 50 VDC
25W
ILPA25JUD-S062DS
589 / 620 / 651 mA
13 / 40 VDC
83%
48 / 50 / 52 VDC
25W
ILPA25JUD-S045DS
428 / 450 / 473 mA
19 / 56 VDC
84%
71 / 73 / 75 VDC
25W
ILPA25JUD-S035DS
333 / 350 / 368 mA
24 / 72 VDC
85%
92 / 94 / 96 VDC
25W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
305
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin=90 to 305VAC
0
25
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
0.32
A
Input Current (High Line)
Io=Full load, Vin=230VAC
0.15
A
High Line Inrush Current
Io=Full load, 25°C, Cool start, Vin=230VAC
20
A
Power Factor Correction
Vin=110VAC
99
%
Efficiency
Io=Full Load, Vin=220VAC
85
%
No Load Power Dissipation
3
W
Line Regulation
Io=Full Load
2
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
Latch mode. The power unit shall return to normal operation only after the power is turn-on again.
(Please refer to output table.)
Over Load Protection
Hiccup mode. The power supply shall be self-recovery
when the fault condition is removed.
1.25
Po
Short Circuit Protection
No damage shall occur when any output operating in a short circuit condition. The power supply shall be
self-recovery when the fault condition is removed.
Output Overshoot / Undershoot
When power on or off
10
%
Start Up Time
Io=Full Load, Vin=100VAC
1.7
2
S
Ripple & Noise (Peak to Peak)
Measured by 20 MHz bandwidth oscilloscope and the
output paralleled a 0.1 uF ceramic capacitor and a 10
uF electrolytic capacitor.
5
% Vo
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
Humidity: 10% RH to 100% RH
-20
70
°C
Storage Temperature
Humidity: 5% RH to 100% RH
-40
85
°C
MTBF: Operation temperature at 25°C, calculated per MIL-HDBK-217F
0.484M
Hours
Life Time at 25°C ambient temperature
0.079M
Hours


Similar Part No. - ILPA25JUD-S208DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA25JUD-S208DS Vitec-ILPA25JUD-S208DS Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
More results

Similar Description - ILPA25JUD-S208DS

ManufacturerPart #DatasheetDescription
logo
Vitec Power
ILPA25JUD-SERIES Vitec-ILPA25JUD-SERIES Datasheet
402Kb / 2P
   25W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD-SERIES Vitec-ILPA40JUD-SERIES Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA40JUD Vitec-ILPA40JUD Datasheet
365Kb / 2P
   40W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD-SERIES Vitec-ILPA35JUD-SERIES Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA35JUD Vitec-ILPA35JUD Datasheet
359Kb / 2P
   35W Dimmable Water-Proof Constant Current LED Driver
ILPA30JW-SERIES Vitec-ILPA30JW-SERIES Datasheet
288Kb / 2P
   30W Water-Proof Constant Current LED Driver
ILPA75JU-SERIES Vitec-ILPA75JU-SERIES Datasheet
296Kb / 2P
   75W Water-Proof Constant Current LED Driver
ILPA100JU-SERIES Vitec-ILPA100JU-SERIES Datasheet
287Kb / 2P
   100W Water-Proof Constant Current LED Driver
ILPA50JW-SERIES Vitec-ILPA50JW-SERIES Datasheet
288Kb / 2P
   50W Water-Proof Constant Current LED Driver
ILPA50JW Vitec-ILPA50JW Datasheet
299Kb / 2P
   50W Water-Proof Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com