Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT3606BE Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT3606BE
Description  Dual Channel PWM Controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3606BE Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT3606BE Datasheet HTML 1Page - Richtek Technology Corporation RT3606BE Datasheet HTML 2Page - Richtek Technology Corporation RT3606BE Datasheet HTML 3Page - Richtek Technology Corporation RT3606BE Datasheet HTML 4Page - Richtek Technology Corporation RT3606BE Datasheet HTML 5Page - Richtek Technology Corporation RT3606BE Datasheet HTML 6Page - Richtek Technology Corporation RT3606BE Datasheet HTML 7Page - Richtek Technology Corporation RT3606BE Datasheet HTML 8Page - Richtek Technology Corporation RT3606BE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
RT3606BE
®
DS3606BE-04 June 2017
www.richtek.com
1
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Simplified Application Circuit
General Description
The RT3606BE is an IMVP8 compliant CPU power
controller which includes two voltage rails : a 3/2/1 phase
synchronous Buck controller, the CORE VR and a 2/1
phase synchronous Buck controller, the AXG VR. The
RT3606BE adopts G-NAVPTM (Green Native AVP) which
is Richtek's proprietary topology derived from finite DC
gain of EA amplifier with current mode control, making it
easy to set the droop to meet all Intel CPU requirements
of AVP (Adaptive Voltage Positioning). Based on the G-
NAVPTM topology, the RT3606BE also features a quick
response mechanism for optimized AVP performance
during load transient. The RT3606BE supports mode
transition function with various operating states. A serial
VID (SVID) interface is built in the RT3606BE to
communicate with Intel IMVP8 compliant CPU. The
RT3606BE supports VID on-the-fly function with three
different slew rates : Fast, Slow and Decay. By utilizing
the G-NAVPTM topology, the operating frequency of the
RT3606BE varies with VID, load and input voltage to further
enhance the efficiency even in CCM. Moreover, the G-
NAVPTM with CCRCOT (Constant Current Ripple COT)
technology provides superior output voltage ripple over
the entire input/output range. The built-in high accuracy
DAC converts the SVID code ranging from 0.25V to 1.52V
with 5mV per step. The RT3606BE integrates a high
accuracy ADC for platform setting functions, such as quick
response trigger level or over-current level. Besides, the
setting function also supports this two rails address
exchange. The RT3606BE provides VR ready output
signals. It also features complete fault protection functions
including over-voltage (OV), negative voltage (NV), over-
current (OC) and under-voltage lockout (UVLO). The
RT3606BE is available in the WQFN-48L 6x6 small foot
print package.
Features
Intel IMVP8 Serial VID Interface Compatible Power
Management States
3/2/1 Phase (CORE VR) + 2/1 Phase (AXG VR) PWM
Controller
G-NAVP
TM
(Green Native Adaptive Voltage
Positioning) Topology
0.5% DAC Accuracy
Differential Remote Voltage Sensing
Built-in ADC for Platform Programming
Accurate Current Balance
System Thermal Compensated AVP
Diode Emulation Mode at Light Load Condition for
Single Phase Operation
Fast Transient Response
VR Ready Indicator
Thermal Throttling
Current Monitor Output
OVP, OCP, NVP, UVLO
Slew Rate Setting/Address Flip Function
Rail Address Flexibility
DVID Enhancement
Applications
IMVP8 Intel Core Supply
Notebook/ Desktop Computer Multi-phase CPU Core
Supply
AVP Step-Down Converter
Dual Channel PWM Controller for IMVP8 CPU Core
Power Supply
RT3606BE
VAXG
PWMA1
Driver
MOSFET
VCORE
PWM1
PWM2
Driver
Driver
MOSFET
MOSFET
PWM3
Driver
MOSFET
PWMA2
Driver
MOSFET
PGOOD
VCLK
VDIO
VR_HOT
ALERT
To PCH
To CPU


Similar Part No. - RT3606BE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
   Dual Channel PWM Controller
RT3606BCGQW RICHTEK-RT3606BCGQW Datasheet
974Kb / 72P
   Dual Channel PWM Controller
More results

Similar Description - RT3606BE

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1451 TSC-TS1451 Datasheet
138Kb / 7P
   Dual Channel PWM Controller
logo
Richtek Technology Corp...
RT8876A RICHTEK-RT8876A_14 Datasheet
696Kb / 50P
   Dual Channel PWM Controller
RT3606BC RICHTEK-RT3606BC Datasheet
974Kb / 72P
   Dual Channel PWM Controller
logo
Diodes Incorporated
AP2001 DIODES-AP2001 Datasheet
176Kb / 8P
   MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 2
AP2001 DIODES-AP2001_06 Datasheet
182Kb / 8P
   MONOLITHIC DUAL CHANNEL PWM CONTROLLER
AP2001 Rev. 1
logo
Anachip Corp
AP2001 ANACHIP-AP2001 Datasheet
188Kb / 8P
   Monolithic Dual Channel PWM Controller
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
logo
Microsemi Corporation
LX1752 MICROSEMI-LX1752 Datasheet
658Kb / 28P
   Dual Interleaving PWM Controller
logo
Advantech Co., Ltd.
ES-1117N-LEAE ADVANTECH-ES-1117N-LEAE Datasheet
506Kb / 5P
   Dual PWM CCFL Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com