Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3861 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3861
Description  2.7Gbps Post Amp with Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX3861 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3861 Datasheet HTML 1Page - Maxim Integrated Products MAX3861 Datasheet HTML 2Page - Maxim Integrated Products MAX3861 Datasheet HTML 3Page - Maxim Integrated Products MAX3861 Datasheet HTML 4Page - Maxim Integrated Products MAX3861 Datasheet HTML 5Page - Maxim Integrated Products MAX3861 Datasheet HTML 6Page - Maxim Integrated Products MAX3861 Datasheet HTML 7Page - Maxim Integrated Products MAX3861 Datasheet HTML 8Page - Maxim Integrated Products MAX3861 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.7Gbps Post Amp with Automatic Gain Control
_______________________________________________________________________________________
5
|S11| vs. FREQUENCY
FREQUENCY (Hz)
1G
100M
-35
-30
-25
-20
-15
-10
-5
0
-40
50M
10G
MEASURED ON
EVALUATION BOARD
DISTRIBUTION OF DIFFERENTIAL
OUTPUT OFFSET (VSS = 0V)
DIFFERENTIAL OUTPUT OFFSET (mV)
8
6
4
2
0
-2
-4
-6
-8
5
10
15
20
25
0
-10
10
VCC = 3.6V
VSC = 0V
VIN = 700mVP-P
TA = -40
°C
400
600
500
800
700
900
1000
0
1.0
0.5
1.5
2.0
OUTPUT SIGNAL AMPLITUDE vs.
SC PIN VOLTAGE (VIN = 1.0VP-P)
VSC (V)
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
0
100
150
50
200
250
300
RSSI OUTPUT vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mVP-P)
223 - 1PRBS
Typical Operating Characteristics (continued)
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
POWER-SUPPLY NOISE REJECTION
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
10k
10
20
30
40
50
60
70
80
0
5k
10M
VIN = 1000mVP-P
VIN = 10mVP-P
|S22| vs. FREQUENCY
FREQUENCY (Hz)
1G
100M
-35
-30
-25
-20
-15
-10
-5
0
-40
50M
10G
MEASURED ON
EVALUATION BOARD
SIGNAL DETECT THRESHOLD vs. RTH
RTH (
Ω)
10,000
1000
10
100,000
100
100
1
DISTRIBUTION OF DIFFERENTIAL
OUTPUT OFFSET (VSC = 2V)
DIFFERENTIAL OUTPUT OFFSET (mV)
16
812
-8
-4
0
4
-12
1
2
3
4
5
6
7
8
9
10
0
-16
VCC = 3.6V
VSC = 2.0V
VIN = 700mVP-P
TA = -40
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn