Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3861 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3861
Description  2.7Gbps Post Amp with Automatic Gain Control
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3861 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2.7Gbps Post Amp with Automatic Gain Control
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = -40°C to +85°C. Typical values are at VCC = +3.3V and TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage ......................................................-0.5V to +4.0V
Voltage at IN+, IN- ..........................(VCC - 1.5V) to (VCC + 0.5V)
Voltage at CZ+, CZ-, CG+,
CG-, CD+, CD- ............................(VCC - 3.5V) to (VCC + 0.5V)
Voltage at SC, SD, EN, TH,
OSM, VREF, and RSSI............................-0.5V to (VCC + 0.5V)
CML Input Current at IN+, IN-.............................................25mA
CML Output Current at OUT+, OUT- ..................................25mA
Storage Temperature Range .............................-55°C to +150°C
Operating Junction Temperature Range ...........-55°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Processing Temperature (Die).........................................+400°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
At minimum gain
72
86
RSSI and SD enabled
(Notes 2, 3)
At maximum gain
94
112
At minimum gain
57
69
Supply Current
ICC
RSSI and SD disabled
(Notes 2, 3)
At maximum gain
78
94
mA
VIN = 1000mVP-P
35
Power-Supply Noise Rejection
PSNR
VNOISE = 100mVP-P,
fNOISE
≤ 10MHz,
VSC = 2V (Note 4)
VIN = 10mVP-P
25
dB
Input Data Rate
2.7
Gbps
Input Resistance
RIN
Single ended to VCC
40
50
60
≤2.7GHz
21
Input Return Loss
2.7GHz to 4.0GHz
15
dB
Input Common-Mode Level
VCC -
0.3
VCC
V
Input-Referred Noise
Up to 6GHz at max gain, CCZ = 0.1µF
0.26
0.35
mVRMS
Input Voltage Range
VIN
Differential
6
1200
mVP-P
VSC = 0
700
Maximum Differential Input
Voltage for Linear Operation
0.9
≤ linearity ≤ 1.1
VSC = 2V
650
mVP-P
Output Resistance
ROUT
Single ended to VCC
40
50
60
≤2.7GHz
16
Output Return Loss
2.7GHz to 4.0GHz
11
dB
VSC = 0
VCC -
0.13
Output Common-Mode Level
RL = 50
Ω to VCC
VSC = 2V
VCC -
0.28
V
6mVP-P
≤ VIN
700mVP-P
±3
±14
VSC = 0,
RL = 50
Ω to VCC
(Note 5)
700mVP-P
≤ VIN
1200mVP-P
±8
6mVP-P
≤ VIN
700mVP-P
±5.5
±28
Maximum Differential Output
Offset
VSC = 2V,
RL = 50
Ω to VCC
(Note 5)
700mVP-P
≤ VIN
1200mVP-P
±11
mV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn