Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWM11BB2A-H Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # JWM11BB2A-H
Description  General Specifications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

JWM11BB2A-H Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  JWM11BB2A-H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. JWM11BB2A-H Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Series JW
High Inrush 10 & 16 Amp Rockers
B42
B
www.nkkswitches.com
Barrier Colors
A
Black
B
Ivory
H
Gray
Housing Colors
A
Black
B
Ivory
H
Gray
Note: JWMW & JWLW
available with black only.
TYPICAL SWITCH ORDERING EXAMPLE
1
R
JW
Circuits
1
ON
NONE
OFF
2
ON
NONE
ON
Barrier Types
R
No Barrier
B
With Barrier
Note: JWMW & JWLW
combine with code R only.
2
A
Ratings
M
10A @ 125/250V AC
MW Panel Seal
10A @ 125/250V AC
L
16A @ 125/250V AC
LW
Panel Seal
16A @ 125/250V AC
Cap Colors
A
Black
B
Ivory
C
Red
H
Gray
Note: JWMW & JWLW avail-
able with black or red caps only.
Poles
1
SPST
SPDT
2
DPST
DPDT
Notes:
DPST must have international
ON-OFF symbols for VDE
approval.
JWLW available in DPST &
DPDT only.
1
A
Inscription
Orientation
No
Code
No Inscription
1
Horizontal
2
Vertical
These are inscriptions for
Single Throw models only.
LW
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JWLW21RA1A
Black Housing
DPST
ON-NONE-OFF Circuit
Black Rocker Cap with
International ON-OFF Symbols
in Horizontal Orientation
16A @ 125/250V AC
IMPORTANT:
Standard markings for JWM & JWL:
TV Rating, UL, CSA & VDE.
Standard marking for JWLW: cULus.
Specific models, ratings & ordering
instructions for international approvals
are noted on General Specifications page.


Similar Part No. - JWM11BB2A-H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
JWM11BB2A-H NKK-JWM11BB2A-H Datasheet
1Mb / 9P
   High Inrush 10 & 16 Amp Rockers
04/19/22
More results

Similar Description - JWM11BB2A-H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com