Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1190 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products MAX1190 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V, OVDD = 2.5V, VREFIN = 2.048V, differential input at -0.5dB FS, fCLK = 120MHz, CL
≈ 10pF, TA = +25°C, unless otherwise noted.)
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
fINA = 20.0119MHz
fINB = 12.9799MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
CHA
fINA
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
CHB
fINA = 12.9799MHz
fINB = 20.0119MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
fINB
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
CHA
fINA = 31.0873MHz
fINB = 23.9967MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
fINA
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
fINA = 23.9967MHz
fINB = 31.0873MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
CHB
fINB
FFT PLOT CHA (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
fINA = 59.7427MHz
fINB = 49.0189MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
CHA
fINA
FFT PLOT CHB (8192-POINT RECORD,
DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
fINA = 49.0189MHz
fINB = 59.7427MHz
fCLK = 120.0128MHz
AINA/AINB = -0.52dB FS
CHB
fINB
TWO-TONE IMD PLOT
(8192-POINT RECORD, DIFFERENTIAL INPUT)
ANALOG INPUT FREQUENCY (MHz)
48
36
24
12
-100
-75
-50
-25
0
-125
060
fIN1 = 43.3933MHz
fIN2 = 48.9017MHz
fCLK = 120.0128MHz
AIN = -6.5dB FS
fIN1
fIN2
SIGNAL-TO-NOISE RATIO
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
80
60
40
20
52
54
56
58
60
50
0
120
CHB
CHA
SIGNAL-TO-NOISE + DISTORTION
vs. ANALOG INPUT FREQUENCY
ANALOG INPUT FREQUENCY (MHz)
100
80
60
40
20
52
54
56
58
60
50
0
120
CHB
CHA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn