Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1190 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1190 Datasheet HTML 1Page - Maxim Integrated Products MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
_______________________________________________________________________________________
5
Note 1: Intermodulation distortion is the total power of the intermodulation products relative to the total input power.
Note 2: REFP, REFN, and COM should be bypassed to GND with a 0.1µF (min) or 1µF (typ) capacitor.
Note 3: Digital outputs settle to VIH, VIL. Parameter guaranteed by design.
Note 4: With REFIN driven externally, REFP, COM, and REFN are left floating while powered down.
Note 5: Amplitude matching is measured by applying the same signal to each channel and comparing the magnitude of the funda-
mental of the calculated FFT. The data from both ADC channels must be captured simultaneously during this test.
Note 6: Phase matching is measured by applying the same signal to each channel and comparing the phase of the fundamental of
the calculated FFT. The data from both ADC channels must be captured simultaneously during this test.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating, fINA and B = 20.01MHz at
-0.5dB FS
149
185
Sleep mode
3
mA
Analog Supply Current
IVDD
Shutdown, clock idle, PD = OE = OVDD
115
µA
Operating, fINA and B = 20.01MHz at -0.5dB
FS; see Typical Operating Characteristics
section, Digital Supply Current vs. Analog
Input Frequency
16
mA
Sleep mode
100
Output Supply Current
IOVDD
Shutdown, clock idle, PD = OE = OVDD
210
µA
Operating, fINA and B = 20.01MHz at
-0.5dB FS
492
611
mW
Sleep mode
10
mW
Analog Power Dissipation
PDISS
Shutdown, clock idle, PD = OE = OVDD
3.3
50
µW
Offset, VDD
±5%
±3.4
mV/V
Power-Supply Rejection Ratio
PSRR
Gain, VDD
±5%
±0.81
%/V
TIMING CHARACTERISTICS
CLK Rise to Output Data Valid
Time
tDO
CL = 20pF (Note 3)
4.8
7.4
ns
OE Fall to Output Enable Time
tENABLE
4.7
ns
OE Rise to Output Disable Time
tDISABLE
1.2
ns
CLK Pulse Width High
tCH
Clock period: 8.34ns; see Typical Operating
Characteristics section, AC Performance vs.
Clock Duty Cycle
4.17
ns
CLK Pulse Width Low
tCL
Clock period: 8.34ns; see Typical Operating
Characteristics section, AC Performance vs.
Clock Duty Cycle
4.17
ns
Wake up from sleep mode (Note 4)
0.65
Wake-Up Time
tWAKE
Wake up from shutdown mode (Note 4)
1.2
µs
CHANNEL-TO-CHANNEL MATCHING
Crosstalk
fINA or B = 20.01MHz at -0.5dB FS
-71
dBc
Gain Matching
fINA or B = 20.01MHz at -0.5dB FS (Note 5)
0.08
±0.2
dB
Phase Matching
fINA or B = 20.01MHz at -0.5dB FS (Note 6)
0.8
Degrees
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V; OVDD = 2V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND, REFOUT connected to REFIN through a
10k
Ω resistor; VREFIN = 2.048V; VIN = 2VP-P (differential with respect to COM); CL = 10pF at digital outputs; fCLK = 120MHz; TA =
TMIN to TMAX, unless otherwise noted;
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization;
typical values are at TA = +25°C.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn