Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1190 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part No. MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1190 Datasheet HTML 1Page - Maxim Integrated Products MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum REFP, COM Source
Current
ISOURCE
5mA
Maximum REFP, COM Sink
Current
ISINK
-250
µA
Maximum REFN Source Current
ISOURCE
250
µA
Maximum REFN Sink Current
ISINK
-5
mA
UNBUFFERED EXTERNAL REFERENCE (VREFIN = AGND, reference voltage applied to REFP, REFN, and COM)
REFP, REFN Input Resistance
RREFP,
RREFN
Measured between REFP and COM, and
REFN and COM
3.4
k
Differential Reference Input
Voltage Range
∆VREF
∆VREF = VREFP - VREFN
1.024
± 10%
V
COM Input Voltage Range
VCOM
VDD / 2
± 10%
V
REFP Input Voltage
VREFP
VCOM +
∆VREF / 2
V
REFN Input Voltage
VREFN
VCOM -
∆VREF / 2
V
DIGITAL INPUTS (CLK, PD, OE, SLEEP, T/B)
CLK
0.8
×
VDD
Input High Threshold
VIH
PD, OE, SLEEP, T/B
0.8
×
OVDD
V
CLK
0.2
×
VDD
Input Low Threshold
VIL
PD, OE, SLEEP, T/B
0.2
×
OVDD
V
Input Hysteresis
VHYST
0.1
V
VIH = VDD (CLK)
±5
IIH
VIH = OVDD (PD, OE, SLEEP, T/B)
±5
Input Leakage
IIL
VIL = 0
±5
µA
Input Capacitance
CIN
5pF
DIGITAL OUTPUTS (D9A–D0A, D9B–D0B)
Output Voltage Low
VOL
ISINK = -200µA
0.2
V
Output Voltage High
VOH
ISOURCE = 200µA
OVDD -
0.2
V
Three-State Leakage Current
ILEAK
OE = OVDD
±10
µA
Three-State Output Capacitance
COUT
OE = OVDD
5pF
POWER REQUIREMENTS
Analog Supply Voltage Range
VDD
2.8
3.3
3.6
V
Output Supply Voltage Range
OVDD
1.7
2.5
3.6
V
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V; OVDD = 2V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND, REFOUT connected to REFIN through a
10k
Ω resistor; VREFIN = 2.048V; VIN = 2VP-P (differential with respect to COM); CL = 10pF at digital outputs; fCLK = 120MHz; TA =
TMIN to TMAX, unless otherwise noted;
≥+25°C guaranteed by production test, <+25°C guaranteed by design and characterization;
typical values are at TA = +25°C.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn