Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1190 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1190 Datasheet HTML 11Page - Maxim Integrated Products MAX1190 Datasheet HTML 12Page - Maxim Integrated Products MAX1190 Datasheet HTML 13Page - Maxim Integrated Products MAX1190 Datasheet HTML 14Page - Maxim Integrated Products MAX1190 Datasheet HTML 15Page - Maxim Integrated Products MAX1190 Datasheet HTML 16Page - Maxim Integrated Products MAX1190 Datasheet HTML 17Page - Maxim Integrated Products MAX1190 Datasheet HTML 18Page - Maxim Integrated Products MAX1190 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Using Transformer Coupling
An RF transformer (Figure 6) provides an excellent solu-
tion to convert a single-ended source signal to a fully dif-
ferential signal, required by the MAX1190 for optimum
performance. Connecting the center tap of the trans-
former to COM provides a VDD/2 DC level shift to the
input. Although a 1:1 transformer is shown, a step-up
transformer can be selected to reduce the drive require-
ments. A reduced signal swing from the input driver, such
as an op amp, can also improve the overall distortion.
In general, the MAX1190 provides better SFDR and
THD with fully differential input signals than single-
ended drive, especially for very high input frequencies.
In differential input mode, even-order harmonics are
lower as both inputs (INA+, INA- and/or INB+, INB-) are
balanced, and each of the ADC inputs only requires
half the signal swing compared to single-ended mode.
Single-Ended AC-Coupled Input Signal
Figure 7 shows an AC-coupled, single-ended applica-
tion. Amplifiers like the MAX4108 provide high speed,
high bandwidth, low noise, and low distortion to main-
tain the integrity of the input signal.
Buffered External Reference Drives
Multiple ADCs
Multiple-converter systems based on the MAX1190 are
well suited for use with a common reference voltage.
The REFIN pin of those converters can be connected
directly to an external reference source.
A precision bandgap reference like the MAX6062 gen-
erates an external DC level of 2.048V (Figure 8), and
exhibits a noise voltage density of 150nV/
√Hz. Its output
passes through a 1-pole lowpass filter (with 10Hz cutoff
frequency) to the MAX4250, which buffers the reference
before its output is applied to a second 10Hz lowpass
filter. The MAX4250 provides a low offset voltage (for
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
______________________________________________________________________________________
15
MAX1190
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
25
MINICIRCUITS
TT1–6-KK81
T1
N.C.
VIN
6
1
5
2
4
3
22pF
22pF
0.1
µF
0.1
µF
2.2
µF
25
25
MINICIRCUITS
TT1-6-KK81
INA-
INA+
INB-
INB+
COM
Figure 6. Transformer-Coupled Input Drive


Similar Part No. - MAX1190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1190 MAXIM-MAX1190 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11900 MAXIM-MAX11900 Datasheet
917Kb / 29P
   20-Bit, 1.6Msps, Low-Power, Fully Differential
Rev 3; 6/16
MAX11900 MAXIM-MAX11900 Datasheet
4Mb / 29P
   Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900ETP++ MAXIM-MAX11900ETP+ Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
More results

Similar Description - MAX1190

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1190 MAXIM-MAX1190_V01 Datasheet
427Kb / 22P
   Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1198 MAXIM-MAX1198 Datasheet
557Kb / 22P
   Dual, 8-Bit, 100Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2412; Rev 0; 4/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com