Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1190 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1190
Description  Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo MAXIM - Maxim Integrated Products

MAX1190 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1190 Datasheet HTML 1Page - Maxim Integrated Products MAX1190 Datasheet HTML 2Page - Maxim Integrated Products MAX1190 Datasheet HTML 3Page - Maxim Integrated Products MAX1190 Datasheet HTML 4Page - Maxim Integrated Products MAX1190 Datasheet HTML 5Page - Maxim Integrated Products MAX1190 Datasheet HTML 6Page - Maxim Integrated Products MAX1190 Datasheet HTML 7Page - Maxim Integrated Products MAX1190 Datasheet HTML 8Page - Maxim Integrated Products MAX1190 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX1190 is a 3.3V, dual 10-bit analog-to-digital con-
verter (ADC) featuring fully differential wideband track-
and-hold (T/H) inputs, driving two ADCs. The MAX1190 is
optimized for low power, small size, and high-dynamic
performance for applications in imaging, instrumentation,
and digital communications. This ADC operates from a
single 2.8V to 3.6V supply, consuming only 492mW while
delivering a typical signal-to-noise and distortion (SINAD)
of 57dB at an input frequency of 60MHz and a sampling
rate of 120Msps. The T/H driven input stages incorporate
400MHz (-3dB) input amplifiers. The converters can also
be operated with single-ended inputs. In addition to low
operating power, the MAX1190 features a 3mA sleep
mode, as well as a 1µA power-down mode to conserve
power during idle periods.
An internal 2.048V precision bandgap reference sets the
full-scale range of the ADC. A flexible reference structure
allows the use of this internal or an externally applied ref-
erence, if desired, for applications requiring increased
accuracy or a different input voltage range.
The MAX1190 features parallel, CMOS-compatible three-
state outputs. The digital output format can be set to two’s
complement or straight offset binary through a single con-
trol pin. The device provides for a separate output power
supply of 1.7V to 3.6V for flexible interfacing with various
logic families. The MAX1190 is available in a 7mm
7mm, 48-pin TQFP-EP package, and is specified for the
extended industrial (-40°C to +85°C) temperature range.
Pin-compatible lower speed versions of the MAX1190 are
also available. Refer to the MAX1180–MAX1184 data
sheets for 105Msps/80Msps/65Msps/40Msps. In addition
to these speed grades, this family includes two multi-
plexed output versions (MAX1185/MAX1186 for
20Msps/40Msps), for which digital data is presented
time-interleaved and on a single, parallel 10-bit output
port.
For lower speed, pin-compatible, 8-bit versions of the
MAX1190, refer to the MAX1195–MAX1198 data sheets.
Applications
Baseband I/Q Sampling
Multichannel IF Sampling
Ultrasound and Medical Imaging
Battery-Powered Instrumentation
WLAN, WWAN, WLL, MMDS Modems
Set-Top Boxes
VSAT Terminals
Features
o Single 3.3V Operation
o Excellent Dynamic Performance
57dB SINAD at fIN = 60MHz
64dBc SFDR at fIN = 60MHz
o -71dBc Interchannel Crosstalk at fIN = 60MHz
o Low Power
492mW (Normal Operation)
10mW (Sleep Mode)
3.3µW (Shutdown Mode)
o 0.08dB Gain and 0.8° Phase Matching
o Wide ±1VP-P Differential Analog Input Voltage
Range
o 400MHz -3dB Input Bandwidth
o On-Chip 2.048V Precision Bandgap Reference
o User-Selectable Output Format—Two’s Complement
or Offset Binary
o Pin-Compatible, Lower-Speed, 10-Bit and 8-Bit
Versions Available
Dual 10-Bit, 120Msps, 3.3V, Low-Power ADC
with Internal Reference and Parallel Outputs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2524; Rev 0; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Functional Diagram appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1190ECM
-40
°C to +85°C
48 TQFP-EP*
D1A
D0A
OGND
OVDD
OVDD
OGND
D0B
D1B
D2B
D3B
D4B
D5B
COM
VDD
GND
INA+
INA-
VDD
GND
INB-
INB+
GND
VDD
CLK
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
TQFP-EP
MAX1190
Pin Configuration
*EP = Exposed paddle.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn