Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC66150 Datasheet(PDF) 6 Page - First Components International

Part # FC66150
Description  Ultra Low - Droupout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC66150 Datasheet(HTML) 6 Page - First Components International

Back Button FC66150 Datasheet HTML 2Page - First Components International FC66150 Datasheet HTML 3Page - First Components International FC66150 Datasheet HTML 4Page - First Components International FC66150 Datasheet HTML 5Page - First Components International FC66150 Datasheet HTML 6Page - First Components International FC66150 Datasheet HTML 7Page - First Components International FC66150 Datasheet HTML 8Page - First Components International FC66150 Datasheet HTML 9Page - First Components International FC66150 Datasheet HTML 10Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
Unless otherwise specified: T = 25°C; Bold values are guaranteed across the operating temperature range.
J
Adjustable versions are programmed to 5.0V.
Parameter
Conditions
Min
Typ
Max
Unit
Line Regulation
Load Regulation (Note 2, 6)
Output Voltage change with
Temperature Coef. (Note 6)
Dropout Voltage
Ground Current
Ground Pin Current at Dropout I
GNDDO
Current Limit
Output Voltage
(Note2)
I
= 10 mA
O
V
= V
+ 5V, 10mA
I
I
IN
OUT
OUT
FL
DV/ DT
OUT
DV
-1% (Note 3)
=
OUT
I = 100mA
O
I = 750mA
O
I = 1.5A
O
I = 750mA, V
= V
+ 1V
O
IN
OUT
I = 1.5A
O
-1
-2
0.06
0.20
20
80
220
350
8
22
2.0
2.1
1
2
0.5
1.0
100
200
600
20
3.5
%
%
%
ppm/°C
mV
mA
A
%
V
= 0.5V less than specified V
, I
= 10mA
IN
OUT
OUT
V
,= 0V (Note 4)
OUT
mA
Output Noise Voltage e , (10Hz to 100Hz)
n
I
= 100mA
O
Reference Voltage
Reference Voltage
C = 10µF
L
C = 33
L
µF
(Note 8)
400
260
1.240
1.277
µV (rms)
V
V
V
Reference GM66152
1.228
1.215
1.252
1.265
1.203
Adjust Pin Bias Current
40
nA
80
120
Reference Voltage change with
Temperature Coef.
Adjust Pin Bias Current change with
Temperature
Output Leakage Current
Output Low Voltage
Upper Treshold Voltage
Lower Treshold Voltage
Hysteresis
Input Logic Voltage
Low (OFF)
High (ON)
(Note 7)
20
0.1
0.01
220
60
75
15
2.4
ppm/°C
nA/°C
Flag Output (Error Comparator) GM66151/ GM66153
V
= 26V
OH
Device set for 5V, V = 4.5V
IN
I
= 250
OL
µA
Device set for 5V(Note 9)
Device set for 5V(Note 9)
Device set for 5V(Note 9)
1
2
300
400
µA
40
25
mV
95
140
mV
mV
V
mV
Enable Input GM66151 / GM66152
0.8
Enable Pin Input Current
100
V
= 26V
EN
600
750
V
= 0.8V
EN
2.5
5.0
µA
µA
Regulator Output Current In Shutdown
10
(Note10)
500
10mA
I
I ,(V
+ 1V) V
26V
O
FL
OUT
IN
I = 10mA, (
O
V
+ 1V) V
26V
OUT
IN
µA
FC66150~3 1.5A Ultra Low - Droupout Voltage Regulator


Similar Part No. - FC66150

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Similar Description - FC66150

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR71XX UTC-UR71XX Datasheet
234Kb / 8P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com