Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC66150 Datasheet(PDF) 4 Page - First Components International

Part # FC66150
Description  Ultra Low - Droupout Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FC66150 Datasheet(HTML) 4 Page - First Components International

  FC66150 Datasheet HTML 1Page - First Components International FC66150 Datasheet HTML 2Page - First Components International FC66150 Datasheet HTML 3Page - First Components International FC66150 Datasheet HTML 4Page - First Components International FC66150 Datasheet HTML 5Page - First Components International FC66150 Datasheet HTML 6Page - First Components International FC66150 Datasheet HTML 7Page - First Components International FC66150 Datasheet HTML 8Page - First Components International FC66150 Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TO-263-5
TO-263-5
TO-220-5
TO-220-5
TO-263-5
TO-263-5
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
50 Units/ Tube
800 Units/ Tape & Reel
800 Units/ Tape & Reel
66152TA5T
66153TA5T
66152TB5T
66153TB5T
66152TA5R
66153TA5R
Adj
66152
66153
ORDERING INFORMATION
Package
Shipping
Ordering Number
Output Voltage
4
Adj
Adj
Adj
Adj
Adj
* For detail Ordering Number identification, please see last page.
FC66150~3 1.5A Ultra Low - Droupout Voltage Regulator


Similar Part No. - FC66150

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FC6-12-10Y PANDUIT-FC6-12-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3SY PANDUIT-FC6-12-3SY Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-12-3Y PANDUIT-FC6-12-3Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-24-10Y PANDUIT-FC6-24-10Y Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
FC6-6-3 PANDUIT-FC6-6-3 Datasheet
133Kb / 3P
   QuickNet MTP Fiber Optic Cassettes
More results

Similar Description - FC66150

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
   250mA Ultra-Low Droupout Positive Voltage Regulator
logo
Unisonic Technologies
UR75XX UTC-UR75XX Datasheet
222Kb / 9P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
UR71XX UTC-UR71XX Datasheet
234Kb / 8P
   HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
   Ultra-Low Quiescent Current Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
[Old version datasheet]   Ultra-Low Quiescent Current Voltage Regulator
logo
Sipex Corporation
SPX1582 SIPEX-SPX1582_06 Datasheet
204Kb / 7P
   3A Ultra Low Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS2940 TSC-TS2940_07 Datasheet
455Kb / 10P
   1A Ultra Low Dropout Voltage Regulator
logo
National Semiconductor ...
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
   Ultra-Low Quiescent Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com