Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1177 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1177
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1177 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
_______________________________________________________________________________________
5
SUPPLY CURRENT (AVDD + DVDD)
vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
STANDBY MODE
SHUTDOWN MODE
0
1.5
1.0
0.5
2.5
2.0
4.5
4.0
3.5
3.0
5.0
-40
-20
0
2040
6080
SHUTDOWN CURRENT (AVDD + DVDD)
vs. TEMPERATURE
TEMPERATURE (
°C)
NO CONVERSIONS
-10
-4
-6
-8
0
-2
8
6
4
2
10
-40
-20
0
20
40
60
80
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
-0.20
-0.10
-0.15
0
-0.05
0.15
0.10
0.05
0.20
-40
0
-20
2040
6080
GAIN ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
4.056
4.076
4.066
4.096
4.086
4.126
4.116
4.106
4.136
-40
0
-20
20
40
60
80
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (
°C)
-180
-140
-160
-80
-100
-120
-20
-40
-60
0
020
30
10
40
50
60
FFT AT 1kHz
FREQUENCY (kHz)
fSAMPLE = 131ksps
Typical Operating Characteristics (continued)
(Typical Operating Circuit, AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF. Typical values are at TA = +25°C, unless otherwise noted.)
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
80
90
100
0
1
100
fSAMPLE = 131ksps
SFDR vs. FREQUENCY
FREQUENCY (kHz)
10
20
40
60
80
100
120
0
1
100
fSAMPLE = 131ksps
THD vs. FREQUENCY
FREQUENCY (kHz)
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
1100
fSAMPLE = 131ksps


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn