Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1177 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1177
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1177 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
16-Bit, 135ksps, Single-Supply ADC
with to 10V Input Range
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AVDD to AGND .........................................................-0.3V to +6V
DVDD to DGND.........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
AIN to AGND .....................................................-16.5V to +16.5V
REF, REFADJ to AGND............................-0.3V to (AVDD + 0.3V)
CS, R/C, HBEN to DGND .........................................-0.3V to +6V
D_, EOC to DGND ...................................-0.3V to (DVDD + 0.3V)
Maximum Continuous Current into Any Pin ........................50mA
Continuous Power Dissipation (TA = +70°C)
TSSOP (derate 10.9mW/°C above +70°C) ..................879mW
Operating Temperature Ranges
MAX1177_CUP ...................................................0°C to +70°C
MAX1177_EUP ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(AVDD = DVDD = +5V ±5%, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
RES
16
Bits
MAX1177A
-1
+1
MAX1177B
-1.0
+1.5
Differential Nonlinearity
DNL
No missing codes
over temperature
MAX1177C
-1
+2
LSB
MAX1177A
-3
+3
MAX1177B
-3
+3
Integral Nonlinearity
INL
MAX1177C
-4
+4
LSB
RMS noise, external reference
0.6
Transition Noise
Internal reference
0.75
LSBRMS
Offset Error
-10
0
+10
mV
Gain Error
0
±0.2
%FSR
Offset Drift
16
µV/°C
Gain Drift
±1
ppm/°C
AC ACCURACY (fIN = 1kHz, VAIN = full range, 135ksps)
Signal-to-Noise Plus Distortion
SINAD
85
90
dB
Signal-to-Noise Ratio
SNR
86
91
dB
Total Harmonic Distortion
THD
-100
-92
dB
Spurious-Free Dynamic Range
SFDR
92
103
dB
ANALOG INPUT
Input Range
VAIN
010
V
Normal operation
5.3
6.9
9.2
Input Resistance
RAIN
Shutdown mode
5.3
k
Input Current
IAIN
0
≤ VAIN ≤ +10V
-0.1
+2.0
mA
Input Capacitance
CIN
10
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn