Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1177 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1177
Description  16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1177 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX1177 is a 16-bit, low-power, successive-
approximation analog-to-digital converter (ADC) featur-
ing automatic power-down, a factory-trimmed internal
clock, and a byte-wide parallel interface. The device
operates from a single +4.75V to +5.25V analog supply
and features a separate digital supply input for direct
interface with +2.7V to +5.25V digital logic.
The MAX1177 accepts an analog input voltage range
from 0 to +10V. It consumes no more than 26.5mW at a
sampling rate of 135ksps when using an external refer-
ence, and 31mW when using the internal +4.096V refer-
ence. AutoShutdown™ reduces supply current to
0.4mA at 10ksps.
The MAX1177 is ideal for high-performance, battery-
powered, data-acquisition applications. Excellent AC
performance (THD = -100dB) and DC accuracy (±3
LSB INL) make this device ideal for industrial process
control, instrumentation, and medical applications.
The MAX1177 is available in a 20-pin TSSOP package
and is fully specified over the -40°C to +85°C extended
temperature range and the 0°C to +70°C commercial
temperature range.
Applications
Temperature Sensing and Monitoring
Industrial Process Control
I/O Modules
Data-Acquisition Systems
Precision Instrumentation
Features
o Byte-Wide Parallel Interface
o Analog Input Voltage Range: 0 to +10V
o Single +4.75V to +5.25V Analog Supply Voltage
o Interfaces with +2.7V to +5.25V Digital Logic
o ±3 LSB INL
o ±1 LSB DNL
o Low Supply Current (max)
2.9mA (External Reference)
3.8mA (Internal Reference)
5µA AutoShutdown Mode
o Small Footprint
o 20-Pin TSSOP Package
16-Bit, 135ksps, Single-Supply ADC
with 0 to 10V Input Range
________________________________________________________________ Maxim Integrated Products
1
D0–D7
OR
D8–D15
µP DATA
BUS
AVDD
DVDD
AGND DGND
+5V ANALOG
+5V DIGITAL
ANALOG INPUT
AIN
HBEN
EOC
CS
R/C
REF
REFADJ
HIGH
BYTE
LOW
BYTE
10
µF
0.1
µF
0.1
µF0.1µF
MAX1177
Typical Operating Circuit
19-2597; Rev 0; 8/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
AutoShutdown is a trademark of Maxim Integrated Products, Inc.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1177ACUP
0
°C to +70°C
20 TSSOP
MAX1177BCUP
0
°C to +70°C
20 TSSOP
MAX1177CCUP
0
°C to +70°C
20 TSSOP
MAX1177AEUP
-40
°C to +85°C
20 TSSOP
MAX1177BEUP
-40
°C to +85°C
20 TSSOP
MAX1177CEUP
-40
°C to +85°C
20 TSSOP
Pin Configuration and Functional Diagram appear at end of
data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn