Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX107 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ = 0,
fCLK = 401.408MHz, differential input at -0.5dB FS, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA =
TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C)
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
040
20
60
80
100
8192-POINT FFT,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 50.029MHz
AIN = -0.5dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
080
40
120
160
200
8192-POINT FFT,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 124.999MHz
AIN = -0.5dB FS
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0
240
8192-POINT FFT,
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN = 200.067MHz
AIN = -0.5dB FS
60
120
180
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
080
40
120
160
200
TWO-TONE IMD (8192-POINT RECORD),
DIFFERENTIAL INPUT
ANALOG INPUT FREQUENCY (MHz)
fIN1 = 100.009MHz
fIN2 = 102.067MHz
fIN2
fIN1
40
0
10M
1G
10G
SNR vs. ANALOG INPUT FREQUENCY,
DIFFERENTIAL INPUT
10
5
15
20
25
30
35
ANALOG INPUT FREQUENCY (Hz)
100M
-6dB FS
-12dB FS
-1dB FS
40
0
10M
1G
10G
SINAD vs. ANALOG INPUT FREQUENCY,
DIFFERENTIAL INPUT
10
5
15
20
25
30
35
ANALOG INPUT FREQUENCY (Hz)
100M
-12dB FS
-6dB FS
-1dB FS
-20
-60
10M
1G
10G
THD vs. ANALOG INPUT FREQUENCY,
DIFFERENTIAL INPUT
-50
-55
-45
-40
-35
-30
-25
ANALOG INPUT FREQUENCY (Hz)
100M
-12dB FS
-1dB FS
-6dB FS
55
10
10M
10G
1G
100M
SFDR vs. ANALOG INPUT FREQUENCY,
DIFFERENTIAL INPUT
25
15
45
35
60
30
20
50
40
ANALOG INPUT FREQUENCY (Hz)
-12dB FS
-1dB FS
-6dB FS
-4
10M
10G
1G
100M
FULL-POWER INPUT BANDWIDTH
SINGLE-ENDED INPUT
1
-2
-3
0
-1
ANALOG INPUT FREQUENCY (Hz)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTI store
VCA2619Dual Variable Gain Amplifier with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2680Dual Wideband Voltage Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2681Dual Wideband Current Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2682Dual Wideband Fixed Gain BUFFER AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CA3240Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output 1 2 3 4 5 MoreIntersil Corporation
HS-22620RHRad Hard Dual Wideband High Input Impedance Uncompensated Operational Amplifier 1 2 3 4 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl