Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX107 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 5 page
background image
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
_______________________________________________________________________________________
5
Note 1:
INL and DNL is measured using a sine-histogram method.
Note 2:
Input offset is the voltage required to cause a transition between codes 0 and -1.
Note 3:
Numbers provided are for DC-coupled case. The user has the choice of AC-coupling, in which case, the DC input voltage
level does not matter.
Note 4:
The peak-to-peak input voltage required, causing a full-scale digitized output when using a trigonometric curve-fitting algo
rithm (e.g. FFT).
Note 5:
Guaranteed by design and characterization.
Note 6:
Common-mode rejection ratio is defined as the ratio of the change in the offset voltage to the change in the common-mode
voltage expressed in dB.
Note 7:
Measured with analog power supplies tied to the same potential.
Note 8:
Effective number of bits (ENOB) is computed from a curve-fit referenced to the theoretical full-scale range.
Note 9:
The clock and input frequencies are chosen so that there are 2041 cycles in an 8,192-long record.
Note 10: Signal-to-noise-ratio (SNR) is measured both with the other channel idling and converting an out-of-phase signal.
The worst case number is presented. Harmonic distortion components two through five are excluded from the noise.
Note 11: Harmonic distortion components two through five are included in the total harmonic distortion specification.
Note 12: Both I and Q inputs are effectively tied together (e.g. driven by power splitter). Signal amplitude is -0.5dB FS at an input
frequency of fIN = 124.999 MHz.
Note 13: Measured with a differential probe, 1pF capacitance.
ELECTRICAL CHARACTERISTICS (continued)
(AVCC = AVCCI = AVCCQ = AVCCR = +5V, OVCCI = OVCCQ = +3.3V, AGND = AGNDI = AGNDQ = AGNDR = 0, OGNDI = OGNDQ
= 0, fCLK = 401.408MHz, CL = 1µF to AGND at REF, RL = 100
Ω ±1% applied to digital LVDS outputs, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DREADY Duty Cycle
(Notes 5, 13)
47
53
%
LVDS Output Rise-Time
tRDATA
20% to 80% (Notes 5, 13)
200
500
ps
LVDS Output Fall-Time
tFDATA
20% to 80% (Notes 5, 13)
200
500
ps
Any differential pair
<65
LVDS Differential Skew
tSKEW1
Any two LVDS output signals except DREADY
<100
ps
DREADY Rise-Time
tRDREADY
20% to 80% (Notes 5, 13)
200
500
ps
DREADY Fall-Time
tFDREADY
20% to 80% (Notes 5, 13)
200
500
ps
Primary Port Pipeline Delay
tPDP
5
Clock
Cycles
Auxiliary Port Pipeline Delay
tPDA
6
Clock
Cycles




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2613Dual Wideband High Output Current Operational Amplifier with Current Limit 1 2 3 4 5 MoreTI store
VCA2619Dual Variable Gain Amplifier with Input Buffer 1 2 3 4 5 MoreBurr-Brown (TI)
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
OPA2680Dual Wideband Voltage Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2681Dual Wideband Current Feedback OPERATIONAL AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
OPA2682Dual Wideband Fixed Gain BUFFER AMPLIFIER With Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CA3240Dual 4.5MHz BiMOS Operational Amplifier with MOSFET Input/Bipolar Output 1 2 3 4 5 MoreIntersil Corporation
HS-22620RHRad Hard Dual Wideband High Input Impedance Uncompensated Operational Amplifier 1 2 3 4 Intersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl