Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX107 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX107
Description  Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX107 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX107 Datasheet HTML 8Page - Maxim Integrated Products MAX107 Datasheet HTML 9Page - Maxim Integrated Products MAX107 Datasheet HTML 10Page - Maxim Integrated Products MAX107 Datasheet HTML 11Page - Maxim Integrated Products MAX107 Datasheet HTML 12Page - Maxim Integrated Products MAX107 Datasheet HTML 13Page - Maxim Integrated Products MAX107 Datasheet HTML 14Page - Maxim Integrated Products MAX107 Datasheet HTML 15Page - Maxim Integrated Products MAX107 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
fiers (I&Q) reduce this effect significantly, allowing pre-
cise digitizing of fast analog data at high conversion
rates. The input amplifiers buffer the input signal and
allow a full-scale signal input range of ±400mV
(800mVp-p).
Internal Reference
The MAX107 features an integrated, buffered +2.5V
precision bandgap reference. This reference is internal-
ly scaled to match the analog input range specification
of ±400mV. The data converter’s reference output
(REF) can source up to 500µA. REF should be buffered,
if used to supply external devices.
LVDS Digital Outputs
The MAX107 provides data in two’s complement format
to differential LVDS outputs. A simplified circuit
schematic of the LVDS output cells is shown in Figure
2. All LVDS outputs are powered from separate I-chan-
nel OVCCI and Q-channel OVCCQ (Q-channel) power
supplies, which may be operated at +3.3V ±10%. The
MAX107 LVDS-outputs provide a typical ±270mV volt-
age swing around a common mode voltage of roughly
Dual, 6-Bit, 400Msps ADC with On-Chip,
Wideband Input Amplifier
12
______________________________________________________________________________________
Figure 1. MAX105 Flash Converter Architecture
INI-
INI+
2k
CLK+
AVCC
CLK-
P0I+/P0I-
DREADY+/DREADY-
DOR+/DOR-
P5I+/P5I-
A0I+/A0I-
A5I+/A5I-
P0Q+/P0Q-
P5Q+/P5Q-
A0Q+/A0Q-
A5Q+/A5Q-
10k
10k
CM BUFFER
CM BUFFER
REFERENCE
PRIMARY
DATA PORT
P0I-P5I
AUXILIARY
DATA PORT
A0I-A5I
PRIMARY
DATA PORT
P0Q-P5Q
AUXILIARY
DATA PORT
A0Q-A5Q
I ADC
1:2
REF
MAX107
INQ-
INQ+
2k
PRE-AMP
Q ADC
REF
REF
DOR
PRE-AMP
MAX107
P0I+ - P5I+
A0I+ - A5I+
P0I- - P5I-
A0I- - A5I-
OVCCI
OVCCI
OVCCI
55
55
Figure 2. Simplified LVDS Output Model


Similar Part No. - MAX107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX107 MAXIM-MAX107 Datasheet
560Kb / 10P
   Demultiplexed Differential LVDS Outputs
Rev 0; 5/01
MAX1070 MAXIM-MAX1070 Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070 MAXIM-MAX1070 Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
MAX1070CTC-T MAXIM-MAX1070CTC-T Datasheet
1Mb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 0; 5/04
MAX1070ETC+T MAXIM-MAX1070ETC+T Datasheet
523Kb / 18P
   1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Rev 1; 4/09
More results

Similar Description - MAX107

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX105 MAXIM-MAX105 Datasheet
669Kb / 21P
   Dual, 6-Bit, 800Msps ADC with On-Chip, Wideband Input Amplifier
19-2006; Rev 0; 5/01
MAX104 MAXIM-MAX104 Datasheet
637Kb / 32P
   ±5V, 1Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
Rev 1; 5/99
MAX108 MAXIM-MAX108 Datasheet
428Kb / 32P
   `짹5V, 1.5Gsps, 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier
19-1492; Rev 0; 9/99
MAX106 MAXIM-MAX106 Datasheet
758Kb / 32P
   짹5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
19-1486; Rev 0; 7/99
MAX106CHC-D MAXIM-MAX106CHC-D Datasheet
1Mb / 31P
   ±5V, 600Msps, 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier
Rev 1; 11/01
logo
Avia Semiconductor Co.,...
HX720 AVIA-HX720 Datasheet
51Kb / 1P
   24-Bit ADC with On-chip 3.3V Output Regulator
logo
Maxim Integrated Produc...
MAX1002 MAXIM-MAX1002 Datasheet
106Kb / 12P
   Low-Power, 60Msps, Dual, 6-Bit ADC
19-1270; Rev 0; 7/97
MAX1003 MAXIM-MAX1003 Datasheet
115Kb / 12P
   Low-Power, 90Msps, Dual 6-Bit ADC
19-1236; Rev 0; 6/97
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
   16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
[Old version datasheet]   14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com