Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9078N-2H08GQZ Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9078N-2H08GQZ
Description  Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9078N-2H08GQZ Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9078N-2H08GQZ Datasheet HTML 1Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 2Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 3Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 4Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 5Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 6Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 7Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 8Page - Richtek Technology Corporation RT9078N-2H08GQZ Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RT9078
4
DS9078-08 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Input Voltage, VIN --------------------------------------------------------------------------------------------------------- 1.2V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VIN, VOUT, SNS, EN to GND -------------------------------------------------------------------------------------------
−0.3V to 6.5V
VOUT to VIN ----------------------------------------------------------------------------------------------------------------
−6.5V to 0.3V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-5 ------------------------------------------------------------------------------------------------------------------- 0.43W
ZQFN-4L 1x1 (ZDFN-4L 1x1) -------------------------------------------------------------------------------------------- 0.44W
Package Thermal Resistance (Note 2)
TSOT-23-5,
θJA ------------------------------------------------------------------------------------------------------------- 230.6°C/W
TSOT-23-5,
θJC ------------------------------------------------------------------------------------------------------------- 21.8°C/W
ZQFN-4L 1x1 (ZDFN-4L 1x1),
θJA -------------------------------------------------------------------------------------- 226°C/W
ZQFN-4L 1x1 (ZDFN-4L 1x1),
θJC ------------------------------------------------------------------------------------- 43°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ---------------------------------------------------------------------------------------------- 2kV
(VOUT + 1 < VIN < 5.5V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Fixed Output Voltage Range
VOUT
0.8
--
3.3
V
DC Output Accuracy
ILOAD = 1mA
2
--
2
%
Dropout Voltage
(ILOAD = 300mA)
(Note 5)
VDROP
0.8V
 VOUT  1.05V
--
0.7
0.97
V
1.05V
 VOUT  1.2V
--
0.5
0.92
1.2V
 VOUT  1.5V
--
0.4
0.57
1.5V
 VOUT  1.8V
--
0.3
0.47
1.8V
 VOUT  2.1V
--
0.24
0.42
2.1V
 VOUT  2.5V
--
0.21
0.37
2.5V
 VOUT  2.8V
--
0.18
0.32
2.8V
 VOUT  3V
--
0.16
0.25
3V
 VOUT
--
0.15
0.22
VCC Consumption Current
IQ
ILOAD = 0mA, VOUT  5.5V
VIN  VOUT + VDROP
--
2
4
A
Shutdown GND Current
(Note 6)
VEN = 0V
--
0.1
0.5
A
Shutdown Leakage Current
(Note 6)
VEN = 0V, VOUT = 0V
--
0.1
0.5
A


Similar Part No. - RT9078N-2H08GQZ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9078N-2HGJ5 RICHTEK-RT9078N-2HGJ5 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078N-2HGQZ RICHTEK-RT9078N-2HGQZ Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
More results

Similar Description - RT9078N-2H08GQZ

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com