Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9078N-1H08GJ5 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9078N-1H08GJ5
Description  Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9078N-1H08GJ5 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9078N-1H08GJ5 Datasheet HTML 6Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 7Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 8Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 9Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 10Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 11Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 12Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 13Page - Richtek Technology Corporation RT9078N-1H08GJ5 Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
RT9078
10
DS9078-08 June 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
PSRR vs. Frequency
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 50mA
ILOAD = 30mA
ILOAD = 15mA
ILOAD = 10mA
VIN = 3.3V, VOUT = 2.8V, COUT = 1
μF
PSRR vs. Frequency
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
1000000
Frequency (Hz)
ILOAD = 150mA
ILOAD = 50mA
ILOAD = 15mA
VIN = 2.8V, VOUT = 0.8V, COUT = 1
μF
Output Noise
-500
-400
-300
-200
-100
0
100
200
300
400
500
01
23
45
67
89
10
Sec (m)
VIN = 2.5V, VOUT = 0.8V, ILOAD = 300mA,
COUT = 1
μF, Frequency = 10Hz to 100kHz
Output Noise
-500
-400
-300
-200
-100
0
100
200
300
400
500
01
2345
678
9
10
Sec (m)
VIN = 4.5V, VOUT = 3.3V, ILOAD = 300mA,
COUT = 1
μF, Frequency = 10Hz to 100kHz


Similar Part No. - RT9078N-1H08GJ5

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9078N-1HGJ5 RICHTEK-RT9078N-1HGJ5 Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
RT9078N-1HGQZ RICHTEK-RT9078N-1HGQZ Datasheet
258Kb / 18P
   2μA IQ, 300mA Low-Dropout Linear Regulator
June 2022
More results

Similar Description - RT9078N-1H08GJ5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com