Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMUN2132LT3 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMUN2132LT3
Description  Bias Resistor Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2132LT3 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN2132LT3 Datasheet HTML 1Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 2Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 3Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 4Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 5Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 6Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 7Page - Leshan Radio Company LMUN2132LT3 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2111–3/8
LMUN2111LT1 Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
DC Current Gain
LMUN2111LT1
(V CE = 10 V, IC = 5.0 mA )
LMUN2112LT1
LMUN2113LT1
LMUN2114LT1
LMUN2110LT1
LMUN2115LT1
LMUN2116LT1
LMUN2130LT1
LMUN2131LT1
LMUN2132LT1
LMUN2133LT1
LMUN2134LT1
hFE
35
60
80
80
80
160
160
3.0
8.0
15
80
80
60
100
140
140
140
250
250
5.0
15
27
140
130
Collector-Emitter Saturation Voltage
(IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN2130LT1/LMUN2131LT1
(IC = 10 mA, IB = 1 mA) LMUN2115LT1/LMUN2116LT1/
LMUN2132LT1/LMUN2133LT1/LMUN2134LT1
VCE(sat)
-
-
0.25
Vdc
Output Voltage (on)
(V CC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
LMUN2111LT1
LMUN2112LT1
LMUN2114LT1
LMUN2114LT1
LMUN2115LT1
LMUN2116LT1
LMUN2130LT1
LMUN2131LT1
LMUN2132LT1
LMUN2133LT1
LMUN2134LT1
(V CC = 5.0 V, VB = 3.5 V, RL = 1.0 kΩ )
LMUN2113LT1
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kΩ )
LMUN2115LT1
LMUN2116LT1
LMUN2131LT1
LMUN2132LT1
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kΩ ) LMUN2130LT1
VOH
4.9
Vdc
Input Resistor
LMUN2111LT1
LMUN2110LT1
LMUN2112LT1
LMUN2113LT1
LMUN2114LT1
LMUN2115LT1
LMUN2116LT1
LMUN2130LT1
LMUN2131LT1
LMUN2132LT1
LMUN2133LT1
LMUN2134LT1
R1
7.0
15.4
32.9
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
10
22
47
47
10
10
4.7
1.0
2.2
4.7
4.7
22
13
28.6
61.1
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
k
Resistor Ratio LMUN2111LT1/LMUN2112LT1/LMUN2113LT1
LMUN2114LT1
LMUN2115LT1/LMUN2116LT1/LMUN2110LT1
LMUN2130LT1/LMUN2131LT1/LMUN2132LT1
LMUN2133LT1
R1/R2
0.8
0.17
-
0.8
0.055
1.0
0.21
-
1.0
0.1
1.2
0.25
-
1.2
0.185
5. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
ON CHARACTERISTICS (Note 5.)
LMUN2110LT1
0.2
-
-
-
-


Similar Part No. - LMUN2132LT3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2132LT3G LRC-LMUN2132LT3G Datasheet
655Kb / 10P
   Bias Resistor Transistors
LMUN2132LT3G LRC-LMUN2132LT3G Datasheet
169Kb / 9P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2132LT3G LEIDITECH-LMUN2132LT3G Datasheet
644Kb / 8P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results

Similar Description - LMUN2132LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
   Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
   Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2131LT1G LRC-LMUN2131LT1G_15 Datasheet
137Kb / 8P
   Bias Resistor Transistors
LMUN2240LT1G LRC-LMUN2240LT1G_15 Datasheet
189Kb / 16P
   Bias Resistor Transistors
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
   Bias Resistor Transistors
logo
First Silicon Co., Ltd
DTC301 FS-DTC301 Datasheet
337Kb / 10P
   Bias Resistor Transistors
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
   Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
   Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com