Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9081A-18GQZA Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9081A-18GQZA
Description  Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9081A-18GQZA Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9081A-18GQZA Datasheet HTML 1Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 2Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 3Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 4Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 5Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 6Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 7Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 8Page - Richtek Technology Corporation RT9081A-18GQZA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
DS9081A-00 November 2016
www.richtek.com
RT9081A
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VIN ----------------------------------------------------------------------------------------------- 0.8V to 5.5V
Supply Input Voltage, VBIAS -------------------------------------------------------------------------------------------------------------------------------------- 2.4V to 5.5V
Junction Temperature Range --------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range --------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VBIAS = 2.7V, or (VOUT + 1.6V), whichever is greater, VIN = VOUT(Normal) + 0.3V, IOUT = 1mA, VEN = 1V, CIN = 1
μF,
COUT = 1
μF (Effective value), TA = 25°C, unless otherwise specified). (Note 6)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -----------------------------------------------------------------------------------------------
−0.3V to 6V
All Other Pins --------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
ZADFN-6L 1.2x1.2 --------------------------------------------------------------------------------------------------------- 0.73W
Package Thermal Resistance (Note 2)
ZADFN-6L 1.2x1.2,
θJA --------------------------------------------------------------------------------------------------- 136.5°C/W
ZADFN-6L 1.2x1.2,
θJC --------------------------------------------------------------------------------------------------- 0.98°C/W
Junction Temperature ----------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------- 260
°C
Storage Temperature Range --------------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ------------------------------------------------------------------------------------------------ 2kV
CDM (Charged Device Model) -------------------------------------------------------------------------------------------- 1kV
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating Input Voltage
Range
VIN
VOUT +
VDROP
--
5.5
V
Operating Bias Voltage
Range
VBIAS
(VOUT +1.4)
 2.4
--
5.5
V
Under Voltage Lock-Out VUVLO
VBIAS rising
--
1.6
--
V
Hysteresis
--
0.2
--
V
Reference Voltage (Adj
devices only)
VREF
--
0.8
--
V
Output Voltage Accuracy VOUT
(Note 5)
0.5
--
0.5
%
Output Voltage Accuracy
(Note 5)
VOUT
VOUT(Normal) + 0.3V  VIN
VOUT(Normal) + 1V, 2.7V or
(VOUT(Normal) + 1.6V), whichever is
greater
 VBIAS  5.5V, 1mA  IOUT
< 500mA
1.5
--
1.5
%
VIN Line Regulation
VLINE_VIN
VOUT(NOM) + 0.3V  VIN  5V
--
0.01
--
%/V
VBIAS Line Regulation
VLINE_BIAS
2.7V or (VOUT(Normal) + 1.6V),
whichever is greater
 VBIAS  5.5V
--
0.01
--
%/V


Similar Part No. - RT9081A-18GQZA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
RT9085A RICHTEK-RT9085A Datasheet
318Kb / 15P
   1A, 5.5V, Ultra Low Dropout Linear Regulator
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
RT9088 RICHTEK-RT9088 Datasheet
231Kb / 11P
   DDR Termination Regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
   The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9081A-18GQZA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com