Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9081A-1BGQZA Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9081A-1BGQZA
Description  Ultra Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9081A-1BGQZA Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9081A-1BGQZA Datasheet HTML 1Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 2Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 3Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 4Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 5Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 6Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 7Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 8Page - Richtek Technology Corporation RT9081A-1BGQZA Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DS9081A-00 November 2016
www.richtek.com
RT9081A
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Load Regulation
VLOAD
IOUT = 1mA to 500mA
--
1.5
--
mV
VIN Dropout Voltage
VDROP_VIN
IOUT = 150mA
(Note 7)
--
37
75
mV
IOUT = 500mA
(Note 7)
--
140
250
mV
VBIAS Dropout Voltage
VDROP_BIAS
IOUT = 500mA, VIN = VBIAS
(Note 7, Note 8)
--
1.1
1.5
V
Output Current Limit
ILIM
VOUT = 90% VOUT(Normal)
550
800
1000
mA
ADJ Pin Operating Current
(ADJ devices only)
IADJ
--
0.1
0.5
A
Bias Pin Operating Current IBIAS
VBIAS = 2.7V
--
80
110
A
Bias Pin Disable Current
IBIAS(DIS)
VEN  0.4 V
--
0.5
1
A
VIN Pin Disable Current
IVIN(DIS)
VEN  0.4 V
--
0.5
1
A
EN Input
Voltage
Logic_High
VIH
0.9
--
--
V
Logic_Low
VIL
--
--
0.4
EN Pull Down Current
IEN
VEN = 5.5V, VBIAS = 5.5V
--
1
--
A
Turn-On Time
tON
From assertion of VEN to VOUT =
98% VOUT(NOM). VOUT(NOM) = 1V
--
150
--
s
Power Supply Rejection
Ratio
PSRR_VIN
VIN to VOUT, f = 1kHz,
IOUT = 150mA, VIN  VOUT + 0.5V
--
70
--
dB
PSRR_VBIAS
VBIAS to VOUT, f = 1kHz,
IOUT = 150mA, VIN  VOUT + 0.5V
--
80
--
dB
Output Noise Voltage
(Fixed Volt.)
eNO_FIXED
VIN = VOUT + 0.5 V, VOUT(NOM) = 1V,
f = 10Hz to 100kHz
--
40
--
VRMS
Output Noise Voltage (Adj
devices)
eNO_ADJ
VIN = VOUT + 0.5V, f = 10Hz to
100kHz
--
50 x
VOUT
--
VRMS
Thermal Shutdown
Threshold
Temperature increasing
--
160
--
C
Temperature decreasing
--
140
--
C
Output Discharge
Pull-Down
RDISCHG
VEN  0.4V, VOUT = 0.5V
--
150
--


Similar Part No. - RT9081A-1BGQZA

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
RT9085A RICHTEK-RT9085A Datasheet
318Kb / 15P
   1A, 5.5V, Ultra Low Dropout Linear Regulator
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
RT9088 RICHTEK-RT9088 Datasheet
231Kb / 11P
   DDR Termination Regulator
RT9088GQW RICHTEK-RT9088GQW Datasheet
803Kb / 8P
   The RT9088 is a sink/source tracking termination regulator
More results

Similar Description - RT9081A-1BGQZA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LXXLD37 UTC-LXXLD37 Datasheet
241Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD32 UTC-LXXLD32 Datasheet
257Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
LXXLD36 UTC-LXXLD36 Datasheet
238Kb / 7P
   ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ1118 HTC-TJ1118 Datasheet
558Kb / 10P
   Ultra Low Dropout Linear Regulator
logo
Rohm
BD3522EFV ROHM-BD3522EFV Datasheet
1Mb / 27P
   Ultra Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com