Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8092WAGWSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8092WAGWSC
Description  High Efficiency Step-Down Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8092WAGWSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8092WAGWSC Datasheet HTML 1Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 2Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 3Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 4Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 5Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 6Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 7Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 8Page - Richtek Technology Corporation RT8092WAGWSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
RT8092
2
DS8092-03
January 2017
www.richtek.com
©
Copyright
2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Applications
Cellular Telephones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
Dedicated Hardware Pin to Immediately Switch
Nominal Output Voltage Setting
Output Discharging when Turning Off
Over-Current Protection

OC Level Settable
Over-Temperature Protection
Integrated Soft-Start Function
Enabling Control by Enable Pin and I
2C Register
Setting by Software
I
2C Interface

I
2C Communication allowed Even in Off-State
(EN = L)

Support Fast Mode (400kbps)

Registers Setting Retained in Off-State (EN = L)
RoHS Compliant and Halogen Free
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT8092
Package Type
WSC : WL-CSP-15B 1.2x2 (BSC)
QW: WQFN-14L 3.5x3.5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
(For WQFN-14L 3.5x3.5 Only)
VSEL Option
VSEL = High / Low, the target voltage
follows as below table.
Default : 2.8V / 1V
JC : 1.8V / 1.2V
UR : 2.8V / 2.5V
BA : 1.1V / 1.0V
BC : 1.1V / 1.2V
WA : 3.0V / 1.0V
DC : 1.3V / 1.2V
XY : 0.9V / 0.8V


Similar Part No. - RT8092WAGWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8096A RICHTEK-RT8096A Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGB RICHTEK-RT8096AHGB Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGE RICHTEK-RT8096AHGE Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ5 RICHTEK-RT8096AHGJ5 Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8096AHGJ6 RICHTEK-RT8096AHGJ6 Datasheet
1Mb / 19P
   1A, 1.5MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
More results

Similar Description - RT8092WAGWSC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com