Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6255AHSGJ8F Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT6255AHSGJ8F
Description  ACOT Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6255AHSGJ8F Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT6255AHSGJ8F Datasheet HTML 3Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 4Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 5Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 6Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 7Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 8Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 9Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 10Page - Richtek Technology Corporation RT6255AHSGJ8F Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
RT6255A/B
7
DS6255A/B-02 March 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, TA = 25°C, unless otherwise specified)
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------
−0.3V to 20V
Enable Pin Voltage, EN ----------------------------------------------------------------------------------------------
−0.3V to 20V
Switch Node Voltage, LX ---------------------------------------------------------------------------------------------
−0.3V to 20V
<20ns --------------------------------------------------------------------------------------------------------------------
−5V to 27V
BOOT to LX, VBOOT
− VLX -------------------------------------------------------------------------------------------- −0.3V to 6V
Other Pins ---------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Dissipation, PD @ TA = 25
°C
TSOT-23-6 (FC) -------------------------------------------------------------------------------------------------------- 1.923W
TSOT-23-8 (FC) -------------------------------------------------------------------------------------------------------- 1.923W
Package Thermal Resistance (Note 2)
TSOT-23-6 (FC),
θJA--------------------------------------------------------------------------------------------------- 52°C/W
TSOT-23-6 (FC),
θJC --------------------------------------------------------------------------------------------------------------------------------------------- 5°C/W
TSOT-23-8 (FC),
θJA--------------------------------------------------------------------------------------------------- 52°C/W
TSOT-23-8 (FC),
θJC -------------------------------------------------------------------------------------------------- 5°C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range -----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions (Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 4.5V to 18V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
VIN Supply Input Operating Voltage
VIN
4.5
--
18
V
VIN Under-Voltage Lockout
Threshold-Rising
VUVLO
VIN rising
3.9
4.1
4.3
V
VIN Under-Voltage Lockout
Threshold-Hysteresis
VUVLO
--
0.3
--
V
Supply current
Supply Current (Shutdown)
ISHDN
VEN = 0
--
3
--
A
Supply Current (Quiescent)
IQ
IOUT = 0
VFB = VREF x 105%
(not switching)
--
115
--
A
Soft-Start
Soft-Start Time
tSS
--
1.5
--
ms


Similar Part No. - RT6255AHSGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6254AHGJ6F RICHTEK-RT6254AHGJ6F Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6254AHGJ8F RICHTEK-RT6254AHGJ8F Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6254BHGJ6F RICHTEK-RT6254BHGJ6F Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6254BHGJ8F RICHTEK-RT6254BHGJ8F Datasheet
289Kb / 18P
   ACOT Step-Down Converter
More results

Similar Description - RT6255AHSGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com