Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6254AHGJ8F Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT6254AHGJ8F
Description  ACOT Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6254AHGJ8F Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT6254AHGJ8F Datasheet HTML 1Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 2Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 3Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 4Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 5Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 6Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 7Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 8Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT6254A/B
2
DS6254A/B-02 March 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
TSOT-23-6 (FC)
TSOT-23-8 (FC)
1
1
FB
Feedback voltage input. This pin is used to set the desired
output voltage via an external resistive divider.
--
3
AGND
Analog ground. This is the signal ground reference for the IC.
2
2
EN
Enable control input. Connecting this pin to logic high can
enable the device and connecting this pin to GND can disable
the device.
3
4
GND
System ground. This is the power return for the IC.
4
5
VIN
Power input. Supplies the power switches of the device.
5
6
LX
Switch node. LX is the switching node that supplies power to the
output and connect the output LC filter from LX to the output
load.
6
7
BOOT
Bootstrap supply for high-side gate driver. Connect a 0.1
F
ceramic capacitor from LX to BOOT to power the high-side
switch.
--
8
PGOOD
Power good indicator. Open-drain output when the output
voltage is within 90% to 120% of regulation point.
Functional Pin Description
Pin Configuration
(TOP VIEW)
TSOT-23-6 (FC)
TSOT-23-8 (FC)
FB EN GND
BOOT LX VIN
4
23
5
6
Marking Information
RT6254AHGJ6F
RT6254BHGJ6F
RT6254AHGJ8F
RT6254BHGJ8F
2D=DNN
2D= : Product Code
DNN : Date Code
2C=DNN
2C= : Product Code
DNN : Date Code
1J=DNN
1J= : Product Code
DNN : Date Code
1H=DNN
1H= : Product Code
DNN : Date Code
5
34
6
8
2
7


Similar Part No. - RT6254AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHGJ6F RICHTEK-RT6255AHGJ6F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHGJ8F RICHTEK-RT6255AHGJ8F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHSGJ6F RICHTEK-RT6255AHSGJ6F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHSGJ8F RICHTEK-RT6255AHSGJ8F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
More results

Similar Description - RT6254AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com