Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6254AHGJ8F Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT6254AHGJ8F
Description  ACOT Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6254AHGJ8F Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT6254AHGJ8F Datasheet HTML 4Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 5Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 6Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 7Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 8Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 9Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 10Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 11Page - Richtek Technology Corporation RT6254AHGJ8F Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
RT6254A/B
8
DS6254A/B-02 March 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 1V, L = 1.5
μH
VIN = 4.5V
VIN = 5V
VIN = 12V
VIN = 18V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 3.3V, L = 4.7
μH
VIN = 4.5V
VIN = 5V
VIN = 12V
VIN = 18V
Output Voltage vs. Output Current
0.90
0.95
1.00
1.05
1.10
00.511.522.5
3
3.5
4
4.5
5
Output Current (A)
VOUT = 1V
VIN = 18V
VIN = 12V
VIN = 4.5V
Output Current vs. Output Current
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
5.30
00.511.522.5
3
3.5
4
4.5
5
Output Current (A)
VOUT = 5V
VIN = 18V
VIN = 12V
VIN = 7V
EN Threshold vs. Temperature
1.10
1.15
1.20
1.25
1.30
1.35
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
VOUT = 1V
Falling
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VOUT = 5V, L = 4.7
μH
VIN = 7V
VIN = 12V
VIN = 18V


Similar Part No. - RT6254AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHGJ6F RICHTEK-RT6255AHGJ6F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHGJ8F RICHTEK-RT6255AHGJ8F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHSGJ6F RICHTEK-RT6255AHSGJ6F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6255AHSGJ8F RICHTEK-RT6255AHSGJ8F Datasheet
295Kb / 20P
   ACOT Step-Down Converter
More results

Similar Description - RT6254AHGJ8F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com