Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6236BLGQUF Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT6236BLGQUF
Description  ACOT Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6236BLGQUF Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT6236BLGQUF Datasheet HTML 1Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 2Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 3Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT6236BLGQUF Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RT6236A/B
5
DS6236A/B-02 August 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
“hysteresis” to discourage the IC from switching back to
continuous switching unless the load increases
substantially.
The IC returns to continuous switching as soon as an on-
time is generated before the inductor current reaches zero.
The on-time is reduced back to the length needed for
650kHz switching and encouraging the circuit to remain
in continuous conduction, preventing repetitive mode
transitions between continuous switching and
discontinuous switching.
Current Limit
The RT6236A/B current limit is a cycle-by-cycle “valley”
type, measuring the inductor current through the
synchronous rectifier during the off-time while the inductor
current ramps down. The current is determined by
measuring the voltage between source and drain of the
synchronous rectifier. If the inductor current exceeds the
current limit, the on-time one-shot is inhibited (Mask high
side signal) until the inductor current ramps down below
the current limit. Thus, only when the inductor current is
well below the current limit is another on time permitted.
This arrangement prevents the average output current from
greatly exceeding the guaranteed current limit value, as
typically occurs with other valley-type current limits. If
the output current exceeds the available inductor current
(controlled by the current limit mechanism), the output
voltage will drop. If it drops below the output under-voltage
protection level, the IC will stop switching (see next
section).
Output Over-Voltage Protection and Under-Voltage
Protection
If the output voltage VOUT rises above the regulation level
and lower 1.2 times regulation level, the high-side switch
naturally remains off and the synchronous rectifier turns
on. For RT6236B, if the output voltage remains high the
synchronous rectifier remains on until the inductor current
reaches the low side current limit. If the output voltage
still remains high, then IC's switches remain that the
synchronous rectifier turns on and high-side MOS keeps
off to operate at typical 500kHz switching protection, again
if inductor current reaches low side current, the
synchronous rectifier will turn off until next protection
clock. If the output voltage exceeds the OVP trip threshold
(1.25 times regulation level) for longer than 10
μs (typical),
then IC's output Over-Voltage Protection (OVP) is
triggered. RT6236BL chip enters latch mode.
For RT6236A If the output voltage Vo rises above the
regulation level and lower 1.2 times regulation level, the
high-side switch naturally remains off and the synchronous
rectifier turns on until the inductor current reaches zero
current. If the output voltage remains high, then IC's
switches remain off. If the output voltage exceeds the OVP
trip threshold (1.25 times regulation level) for longer than
10
μs (typical), the IC's OVP is triggered. RT6236AL chip
enters latch mode.
The RT6236A/B include output Under-Voltage Protection
(UVP). If the output voltage drops below the UVP trip
threshold for longer than 250
μs (typical) then IC's UVP is
triggered. Chip into latch or hiccup mode. (see next
section).
Hiccup Mode
The RT6236AH/BH, use hiccup mode for UVP. When the
protection function is triggered, the IC will shut down for a
period of time and then attempt to recover automatically.
Hiccup mode allows the circuit to operate safely with low
input current and power dissipation, and then resume
normal operation as soon as UVP is removed. During
hiccup mode, the shutdown time is determined by the
capacitor at SS. A 2
μA current source discharges VSS
from its starting voltage (normally VPVCC). The IC remains
shut down until VSS reaches 0.2V, about 10ms for a 3.9nF
capacitor. At that point the IC begins to charge the SS
capacitor at 6
μA, and a normal start-up occurs. If the fault
remains, UVP protection will be enabled when VSS reaches
2.2V (typical). The IC will then shut down and discharge
the SS capacitor from the 2.2V level, taking about 4ms for
a 3.9nF SS capacitor.
Latch-Off Mode
The RT6236AL/BL, use latch-off mode OVP and UVP.
When the protection function is triggered the IC will shut
down in Latch-Off Mode. The IC stops switching, leaving
both switches open, and is latched off. To restart operation,
toggle EN or power the IC off and then on again.


Similar Part No. - RT6236BLGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238AHGQUF RICHTEK-RT6238AHGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238ALGQUF RICHTEK-RT6238ALGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238BHGQUF RICHTEK-RT6238BHGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6238BLGQUF RICHTEK-RT6238BLGQUF Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
More results

Similar Description - RT6236BLGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6238A RICHTEK-RT6238A Datasheet
479Kb / 23P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com