Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT6238AHGQUF Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT6238AHGQUF
Description  ACOT Synchronous Step-Down Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6238AHGQUF Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT6238AHGQUF Datasheet HTML 2Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 3Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 4Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 5Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 6Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 7Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 8Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 9Page - Richtek Technology Corporation RT6238AHGQUF Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
RT6238A/B
6
DS6238A/B-08 July 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
will be triggered to shut down switching operation. If the
UVP condition remains for a period, the RT6238 will retry
automatically. When the UVP condition is removed, the
converter will resume operation. The UVP is disabled
during soft-start period. During hiccup mode, the shutdown
time is determined by the capacitor at SS. A 2
μA current
source discharges VSS from its starting voltage (normally
VPVCC). The IC remains shut down until VSS reaches
0.2V, about 10ms for a 3.9nF capacitor. At that point the
IC begins to charge the SS capacitor at 6
μA, and a normal
start-up occurs. If the fault remains, UVP protection will
be enabled when VSS reaches 2.2V (typical). The IC will
then shut down and discharge the SS capacitor from the
2.2V level, taking about 4ms for a 3.9nF SS capacitor.
Latch Mode
For the RT6238AL/RT6238BL, it provides Latch-Off Mode
Under Voltage Protection (UVP). When the FB voltage
drops below 60% of the feedback reference voltage, the
output voltage drops below the UVP trip threshold for longer
than 270
μs (typical) then IC's UVP is triggered. UVP
function will be triggered to shut down switching operation.
In shutdown condition, the RT6238 can be reset by EN
pin or power input VIN.
Output Over-Voltage Protection
If the output voltage VOUT rises above the regulation level
and lower 1.2 times regulation level, the high-side switch
naturally remains off and the synchronous rectifier turns
on. For RT6238BL, if the output voltage remains high, the
synchronous rectifier remains on until the inductor current
reaches the low side current limit. If the output voltage
still remains high, then IC's switches remain that the
synchronous rectifier turns on and high-side MOS keeps
off to operate at typical 500kHz switching protection, again
if inductor current reaches low side current limit, the
synchronous rectifier will turn off until next protection
clock. If the output voltage exceeds the OVP trip threshold
(1.2 times regulation level) for longer than 10
μs (typical),
then IC's output Over-Voltage Protection (OVP) is
triggered. RT6238BL chip enters latch mode.
For RT6238AL, if the output voltage VOUT rises above
the regulation level and lower 1.2 times regulation level,
the high-side switch naturally remains off and the
synchronous rectifier turns on until the inductor current
reaches zero current. If the output voltage remains high,
then IC's switches remain off. If the output voltage exceeds
the OVP trip threshold (1.2 times regulation level) for
longer than 10
μs (typical), the IC's OVP is triggered.
RT6238AL chip enters latch mode.
For RT6238BH, if the output voltage remains high, the
synchronous rectifier remains on until the inductor current
reaches the low side current limit. If the output voltage
still remains high, the synchronous rectifier turns on and
high-side MOSFET keeps off to operate at typical 500kHz
switching protection, again if inductor current reaches low
side current limit, the synchronous rectifier will turn off
until next protection clock. RT6238BH is without OVP
latch function and recover when OV condition release.
For RT6238AH, if the output voltage remains high, the
synchronous rectifier remains on until the inductor current
reaches zero current. If the output voltage still remains
high, then IC's switches remain off. RT6238AH is without
OVP latch function and recover when OV condition release.
Latch-Off Mode
The RT6238AL/BL uses latch-off mode OVP and UVP.
When the protection function is triggered, the IC will shut
down in Latch-Off Mode. The IC stops switching, leaving
both switches open, and is latched off. To restart operation,
toggle EN or power the IC off and then on again.
Shut-Down, Start-Up and Enable (EN)
The enable input (EN) has a shutdown level of 0.4V. When
VEN is below this level the IC enters shutdown mode and
supply current drops to less than 10
μA. When VEN exceeds
its logic-high level of 1.2V the IC is fully operational.
Between these 2 levels there are 2 thresholds (1V typical
and 1.2V typical). Switching operation begins when VEN
exceeds the upper threshold, and then switching
operation stops when VEN decreases to the lower
threshold. Since EN is a low voltage input, it must be
connected to VIN (up to 18V) with a 100k
Ω pull-up resistor
for automatic start-up.


Similar Part No. - RT6238AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236AHGQUF RICHTEK-RT6236AHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236ALGQUF RICHTEK-RT6236ALGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BHGQUF RICHTEK-RT6236BHGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6236BLGQUF RICHTEK-RT6236BLGQUF Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
More results

Similar Description - RT6238AHGQUF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2810A RICHTEK-RT2810A Datasheet
743Kb / 19P
   ACOT Synchronous Step-Down Converter
RT6236A RICHTEK-RT6236A Datasheet
256Kb / 22P
   ACOT Synchronous Step-Down Converter
RT2855A RICHTEK-RT2855A Datasheet
264Kb / 16P
   ACOT Synchronous Step-Down Converter
RT6239A RICHTEK-RT6239A Datasheet
463Kb / 22P
   ACOT Synchronous Step-Down Converter
RT6224C RICHTEK-RT6224C Datasheet
285Kb / 15P
   ACOT Synchronous Step-Down Converter
RT6254A RICHTEK-RT6254A Datasheet
289Kb / 18P
   ACOT Step-Down Converter
RT6215E RICHTEK-RT6215E Datasheet
422Kb / 15P
   ACOT Step-Down Converter
RT6257A RICHTEK-RT6257A Datasheet
271Kb / 15P
   ACOT Step-Down Converter
RT6255A RICHTEK-RT6255A Datasheet
295Kb / 20P
   ACOT Step-Down Converter
RT6202A RICHTEK-RT6202A Datasheet
226Kb / 15P
   5A, 18V, 650kHz, ACOT® Synchronous Step-Down Converter
January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com