Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STDA65-S09 Datasheet(PDF) 1 Page - Vitec Power

Part # STDA65-S09
Description  80W Desktop Power Supply for I.T. Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

STDA65-S09 Datasheet(HTML) 1 Page - Vitec Power

  STDA65-S09 Datasheet HTML 1Page - Vitec Power STDA65-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STDA65 SERIES
80W Desktop Power Supply for I.T. Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C14 input inlet
Output Voltage Available From 3VDC Thru 48VDC
Single to Quad Output
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Splash Proof
Class I Insulation
High Efficiency, RoHS compliance
2 Year Warranty
Approvals:
Single Output
Model Number
Output Voltage
Output Current
Total Regulation
Maximum Output Power
STDA65-S01
3 ~ 5 VDC
16.6 ~ 10.0 A
7%
50W
STDA65-S02
5 ~ 6 VDC
13.0 ~ 10.8 A
7%
65W
STDA65-S03
6 ~ 8 VDC
11.6 ~ 8.70 A
5%
69.6W
STDA65-S04
8 ~ 11 VDC
9.37 ~ 6.81 A
5%
75W
STDA65-S05
11 ~ 13 VDC
7.27 ~ 6.15 A
5%
80W
STDA65-S06
13 ~ 16 VDC
6.15 ~ 5.00 A
5%
80W
STDA65-S07
16 ~ 21 VDC
5.00 ~ 3.80 A
5%
80W
STDA65-S08
21 ~ 27 VDC
3.80 ~ 2.96 A
5%
80W
STDA65-S09
27 ~ 33 VDC
2.96 ~ 2.42 A
5%
80W
STDA65-S10
33 ~ 40 VDC
2.42 ~ 2.00 A
5%
80W
STDA65-S11
40 ~ 48 VDC
2.00 ~ 1.66 A
5%
80W
Multi Output
Model
Number
Output 1
Output 2
Output 3
Output 4
Maximum
Output Power
Vonom Iomin
Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin Iomax Regmax Vonom Iomin
Iomax Regmax
STDA65-D00
+3.3V
0.7A
7A
7%
+12V 0.55A 2.75A
5%
56.1W
STDA65-D01
+5V
0.7A
7A
5%
+12V
0.6A
3A
5%
65W
STDA65-D02
+5V
1.4A
7A
5%
+15V
0.6A
3A
7%
65W
STDA65-D03
+5V
1.4A
7A
5%
+24V
0.3A
2A
5%
65W
STDA65-D04
+3.3V
1.4A
7A
7%
+5V
0.6A
3A
5%
38.1W
STDA65-D15
+5V
1.4A
7A
5%
-24V
0.4A
2A
5%
65W
STDA65-T00
+3.3V
1.4A
7A
7%
+12V
0.6A
3A
5%
-12V
0.1A
0.8A
5%
65W
STDA65-T01
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-5V
0A
0.8A
5%
65W
STDA65-T02
+5V
0.6A
6A
5%
+12V
0.3A
3A
5%
-12V
0A
0.8A
5%
65W
STDA65-T03
+5V
0.6A
6A
5%
+15V
0.3A
3A
5%
-15V
0A
0.8A
5%
65W
STDA65-T04
+5V
0.7A
7A
5%
+24V
0.2A
2A
5%
-24V
0A
0.8A
5%
65W
STDA65-T05
+5V
0.6A
6A
5%
+24V
0.2A
2A
5%
-12V
0A
0.8A
5%
65W
STDA65-T06
+3.3V
0.7A
7A
7%
+12V
0.6A
3A
5%
-5V
0A
0.8A
5%
63.1W
STDA65-403
+5V
0A
3.5A
5%
+24V
0.1A
1.5A
5%
+12V
0A
0.25A
5%
-12V
0A
0.15A
5%
65W
S01, D15 is not approved by TUV-PSE.
The model number of S05,S07 had been approved by KC.
The model number of S05 had been approved by CEC level IV.
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operating Temperature at 25°C, Calculated per MIL-HDBK-217F
0.1M
Hrs
De-rate linearly from 100% load at 40°C to 50% load at 70°C


Similar Part No. - STDA65-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA65-403 Vitec-STDA65-403 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-403 Vitec-STDA65-403 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D00 Vitec-STDA65-D00 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D00 Vitec-STDA65-D00 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
STDA65-D01 Vitec-STDA65-D01 Datasheet
418Kb / 2P
   80W Desktop Power Supply for Industrial Equipment
More results

Similar Description - STDA65-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
STDA80 Vitec-STDA80 Datasheet
374Kb / 2P
   80W Desktop Power Supply for I.T. Equipment
STDA20A Vitec-STDA20A Datasheet
389Kb / 2P
   20W Desktop Power Supply for I.T. Equipment
STDA25B Vitec-STDA25B Datasheet
390Kb / 2P
   25W Desktop Power Supply for I.T. Equipment
ITDA180I Vitec-ITDA180I Datasheet
372Kb / 2P
   180W Desktop Power Supply for I.T. Equipment
MTDA40A-SERIES Vitec-MTDA40A-SERIES Datasheet
406Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40-SERIES Vitec-STDA40-SERIES Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA40 Vitec-STDA40 Datasheet
436Kb / 2P
   40W Desktop Power Supply for I.T. Equipment
STDA131 Vitec-STDA131 Datasheet
405Kb / 2P
   130W Desktop Power Supply for I.T. Equipment
STDA150 Vitec-STDA150 Datasheet
411Kb / 2P
   150W Desktop Power Supply for I.T. Equipment
STFA80-SERIES Vitec-STFA80-SERIES Datasheet
450Kb / 2P
   80W Open Frame Power Supply for I.T. Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com