Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHDA63B-S09 Datasheet(PDF) 1 Page - Vitec Power

Part # SHDA63B-S09
Description  63W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA63B-S09 Datasheet(HTML) 1 Page - Vitec Power

  SHDA63B-S09 Datasheet HTML 1Page - Vitec Power SHDA63B-S09 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SHDA63B SERIES
63W Desktop Power Supply for Medical Equipment
Wide Input Voltage 90 to 264 VAC, 47 to 63Hz
IEC-320-C8 input inlet
Output Voltage Available From 12VDC Thru 48VDC
Single Output
Class II Insulation
Input Surge Current, Over Voltage, Over Load and Output Voltage protection.
Energy Star 2.0, CEC V, and RoHS Compliance
2 Year Warranty
Approvals:
Single Output
Product Number
Output Voltage
Max. Output Current
Total Regulation
Maximum
Output Power
SHDA63B-S05
12 VDC
5.25 A
5%
63W
SHDA63B-S06
15 VDC
4.20 A
5%
63W
SHDA63B-S07 *
18 VDC
3.50 A
5%
63W
SHDA63B-S08 *
24 VDC
2.62 A
3%
63W
SHDA63B-S09 *
30 VDC
2.10 A
3%
63W
SHDA63B-S10
36 VDC
1.75 A
3%
63W
SHDA63B-S11
48 VDC
1.31 A
3%
63W
Mark “*” means approved by PSE.
Total Regulation is conditioned by below configuration
(S05~S07: AWG16/2C/4FT output cable)
(S08~S10: AWG18/2C/6FT output cable)
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
264
VAC
Input Frequency
47
63
Hz
Output Power Range
Vin= 90 to 264 VAC
0
63
W
Input Current (Low Line)
Io=Full load, Vin=115 VAC
1.62
A
Input Current (High Line)
Io=Full load, Vin= 230 VAC
0.72
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
26
30
A
High Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=230 VAC
43
47
A
Efficiency *
Io=Full Load, Vin=230VAC
87
92
%
Line Regulation
Io=Full Load
1
%
Load Regulation
Vin=230VAC
5
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Start Up Time
Io=Full Load,Vin=100VAC
0.3
1
2
S
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
1
%
Safety Ground Leakage Current
Io= Full Load, Vin=240VAC
0.1
mA
No-Load Power Consumption
No load, Vin=240VAC
0.3
0.4
0.5
W
Temperature Coefficient
All output
-0.04
0.04
%/°C
*The specifics for testing the energy efficiency of SHDA63 Series are outlined in a separate document titled "Test Method for Calculating the
Energy Efficiency of Single-Voltage External Ac-Dc and Ac-Ac Power Supplies (August 11, 2004)," which is available on the ENERGY STAR Website.


Similar Part No. - SHDA63B-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA63B-S09 Vitec-SHDA63B-S09 Datasheet
382Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA63B-S09

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63B-SERIES Vitec-SHDA63B-SERIES Datasheet
382Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60A Vitec-SMDA60A Datasheet
353Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A Vitec-SHDA63A Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C Vitec-SHDA63C Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60B-SERIES Vitec-SMDA60B-SERIES Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60C-SERIES Vitec-SMDA60C-SERIES Datasheet
336Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SMDA60C Vitec-SMDA60C Datasheet
336Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63C-SERIES Vitec-SHDA63C-SERIES Datasheet
355Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com