Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHDA100-S06 Datasheet(PDF) 2 Page - Vitec Power

Part # SHDA100-S06
Description  100W Desktop Power Supply for Medical Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  Vitec [Vitec Power]
Direct Link  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SHDA100-S06 Datasheet(HTML) 2 Page - Vitec Power

  SHDA100-S06 Datasheet HTML 1Page - Vitec Power SHDA100-S06 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Conditions
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Operating Temperature
0
40
70
°C
Storage Temperature
-40
85
°C
Relative Humidity
5
95
%
Operation temperature at 25℃, calculated per MIL-HDBK-217F
0.1M
Hrs
Derate linearly from 100% load at 40°C to 50% load at 70°C
Approvals and Compliances
Parameter
Test Conditions
Min.
Unit
Dielectric Withstanding Voltage for Primary to secondary
Primary to secondary
5656
VDC
Dielectric Withstanding Voltage for Primary to Ground
Primary to ground
2828
VDC
Isolation Resistance
Test Voltage = 500VDC
50
EMI requirements for CISPR-11
Vin=230VAC
B
CLASS
EMI requirements for FCC PART-18
Vin=120VAC
B
CLASS
Mechanical and PIN out
Note:
1.
Dimensions are shown in mm & inch
2.
Weight: approx. 490-670gs
(Exclude the input cord)
3.
Optional output connector.


Similar Part No. - SHDA100-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA100-S06 Vitec-SHDA100-S06 Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
More results

Similar Description - SHDA100-S06

ManufacturerPart #DatasheetDescription
logo
Vitec Power
SHDA100-SERIES Vitec-SHDA100-SERIES Datasheet
374Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SMDA100-SERIES Vitec-SMDA100-SERIES Datasheet
428Kb / 2P
   100W Desktop Power Supply for Medical Equipment
SMDA100 Vitec-SMDA100 Datasheet
428Kb / 2P
   100W Desktop Power Supply for Medical Equipment
STDA100-SERIES Vitec-STDA100-SERIES Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
SIDA100 Vitec-SIDA100 Datasheet
400Kb / 2P
   100W Desktop Power Supply for Industrial Equipment
SIDA100-SERIES Vitec-SIDA100-SERIES Datasheet
400Kb / 2P
   100W Desktop Power Supply for Industrial Equipment
STDA100 Vitec-STDA100 Datasheet
399Kb / 2P
   100W Desktop Power Supply for I.T. Equipment
SHDA31A-SERIES Vitec-SHDA31A-SERIES Datasheet
380Kb / 2P
   30W Desktop Power Supply for Medical Equipment
SMDA60B Vitec-SMDA60B Datasheet
372Kb / 2P
   63W Desktop Power Supply for Medical Equipment
SHDA63A-SERIES Vitec-SHDA63A-SERIES Datasheet
354Kb / 2P
   63W Desktop Power Supply for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com